Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 9Page - ATMEL Corporation ATAR080_14 Datasheet HTML 10Page - ATMEL Corporation ATAR080_14 Datasheet HTML 11Page - ATMEL Corporation ATAR080_14 Datasheet HTML 12Page - ATMEL Corporation ATAR080_14 Datasheet HTML 13Page - ATMEL Corporation ATAR080_14 Datasheet HTML 14Page - ATMEL Corporation ATAR080_14 Datasheet HTML 15Page - ATMEL Corporation ATAR080_14 Datasheet HTML 16Page - ATMEL Corporation ATAR080_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
ATAR080
4675D–4BMCU–12/04
VIM Voltage Interrupt Mask bit
•
VIM = 0, voltage monitor interrupt is enabled
•
VIM = 1, voltage monitor interrupt is disabled
VMS Voltage Monitor Status bit
•
VMS = 0, the voltage at the comparator input is below V
ref
•
VMS = 1, the voltage at the comparator input is above V
ref
Figure 12. Internal Supply Voltage Supervisor
Figure 13. External Input Voltage Supervisor
Clock Generation
Clock Module
The ATAR080 contains a clock module with 4 different internal oscillator types: two
RC-oscillators, one 4-MHz crystal oscillator and one 32-kHz crystal oscillator. The pins
OSC1 and OSC2 are the interface to connect a crystal either to the 4-MHz, or to the
32-kHz crystal oscillator. OSC1 can be used as input for external clocks or to connect an
external trimming resistor for the RC-oscillator 2. All necessary circuitry, except the crys-
tal and the trimming resistor, is integrated on-chip. One of these oscillator types or an
external input clock can be selected to generate the system clock (SYSCL).
In applications that do not require exact timing, it is possible to use the fully integrated
RC-oscillator 1 without any external components. The RC-oscillator 1 center frequency
tolerance is better than ±50%. The RC-oscillator 2 is a trimmable oscillator whereby the
oscillator frequency can be trimmed with an external resistor attached between OSC1
and GND. In this configuration, the RC-oscillator 2 frequency can be maintained stable
to within a tolerance of ±15% over the full operating temperature and voltage range.
2.15 V
V
DD
Low threshold
High threshold
VMS = 1
Low threshold
High threshold
VMS = 0
2.95 V
2.55 V
1.25 V
VMI
VMS = 1
VMS = 0
Positive slope
Negative slope
VMS = 1
VMS = 0
Interrupt negative slope
Interrupt positive slope
Internal reference level
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com