Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATAR080
Description  Very Low Power Consumption in Active, Power-down and Sleep Mode
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATAR080_14 Datasheet HTML 51Page - ATMEL Corporation ATAR080_14 Datasheet HTML 52Page - ATMEL Corporation ATAR080_14 Datasheet HTML 53Page - ATMEL Corporation ATAR080_14 Datasheet HTML 54Page - ATMEL Corporation ATAR080_14 Datasheet HTML 55Page - ATMEL Corporation ATAR080_14 Datasheet HTML 56Page - ATMEL Corporation ATAR080_14 Datasheet HTML 57Page - ATMEL Corporation ATAR080_14 Datasheet HTML 58Page - ATMEL Corporation ATAR080_14 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
55
ATAR080
4675D–4BMCU–12/04
Electrical Characteristics – DC Operating
V
SS = 0 V, Tamb = -40°C to +85°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Power Supply
Operating voltage at V
DD
V
DD
V
POR
6.5
V
Active current
CPU active
f
SYSCL = 1 MHz
V
DD = 1.8 V
V
DD = 3.0 V
V
DD = 6.5 V
IDD
110
180
500
300
µA
µA
µA
Power down current
(CPU sleep,
RC oscillator active,
4-MHz quartz-oscillator active)
f
SYSCL = 1 MHz, R = 35k
V
DD = 1.8 V
V
DD = 3.0 V
V
DD = 6.5 V
IPD
20
30
60
50
µA
µA
µA
Sleep current
(CPU sleep,
32-kHz quartz-oscillator active
4-MHz quartz-oscillator inactive)
V
DD = 1.8 V
V
DD = 3.0 V
V
DD = 6.5 V
ISleep
0.4
0.6
0.8
1.8
µA
µA
µA
Sleep current
(CPU sleep,
32-kHz quartz-osillator inactive
4-MHz quartz-oscillator inactive)
V
DD = 1.8 V
V
DD = 3.0 V
V
DD = 6.5 V
ISleep
0.1
0.3
0.5
0.8
µA
µA
µA
Pin capacitance
Any pin to V
SS
C
L
710
pF
Power-on Reset Threshold Voltage
POR threshold voltage
BOT = 1
V
POR
1.50
1.65
1.80
V
POR threshold voltage
BOT = 0
V
POR
1.75
1.95
2.15
V
POR hysteresis
V
POR
50
mV
Voltage Monitor Threshold Voltage
VM high threshold voltage
V
DD > VM, VMS = 1
V
MThh
2.95
3.25
V
VM high threshold voltage
V
DD < VM, VMS = 0
V
MThh
2.65
2.95
V
VM middle threshold voltage
V
DD > VM, VMS = 1
V
MThm
2.55
2.80
V
VM middle threshold voltage
V
DD < VM, VMS = 0
V
MThm
2.30
2.55
V
VM low threshold voltage
V
DD > VM, VMS = 1
V
MThl
2.15
2.35
V
VM low threshold voltage
V
DD < VM, VMS = 0
V
MThl
1.95
2.15
V
External Input Voltage
VMI
VMI > VBG, VMS = 1
V
VMI
1.25
1.4
V
VMI
VMI < VBG, VMS = 0
V
VMI
1.1
1.25
V
All Bi-directional Ports
Input voltage LOW
V
DD = 1.8 V to 6.5 V
V
IL
V
SS
0.2
×
V
DD
V
Input voltage HIGH
VDD = 1.8 V to 6.5 V
VIH
0.8
×
VDD
VDD
V
Input LOW current (dynamic pull-up)
VDD = 3.0 V, VIL = VSS
V
DD = 6.5 V
I
IL
-10
-50
-20
-100
-40
-200
µA
µA
Input HIGH current
(dynamic pull-down)
V
DD = 3.0 V, VIH = VDD
V
DD = 6.5 V
I
IH
10
50
20
100
40
200
µA
µA
Note:
The pin BP20/NTE has a static pull-up resistor during the reset-phase of the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com