Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032E Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HMS81032E Datasheet HTML 18Page - Hynix Semiconductor HMS81032E Datasheet HTML 19Page - Hynix Semiconductor HMS81032E Datasheet HTML 20Page - Hynix Semiconductor HMS81032E Datasheet HTML 21Page - Hynix Semiconductor HMS81032E Datasheet HTML 22Page - Hynix Semiconductor HMS81032E Datasheet HTML 23Page - Hynix Semiconductor HMS81032E Datasheet HTML 24Page - Hynix Semiconductor HMS81032E Datasheet HTML 25Page - Hynix Semiconductor HMS81032E Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
19
8.2 Program Memory
A 16-bit program counter is capable of addressing up to
64K bytes, but this device has 4/8/16/24/32K bytes pro-
gram memory space only physically implemented. Ac-
cessing a location above FFFFH will cause a wrap-around
to 0000H.
Figure 8-5 , shows a map of Program Memory. After reset,
the CPU begins execution from reset vector which is stored
in address FFFEH and FFFFH as shown in Figure 8-6 .
As shown in Figure 8-5 , each area is assigned a fixed lo-
cation in Program Memory. Program Memory area con-
tains the user program.
Figure 8-5 Program Memory Map
Page Call (PCALL) area contains subroutine program to
reduce program byte length by using 2 bytes PCALL in-
stead of 3 bytes CALL instruction. If it is frequently
called, it is more useful to save program byte length.
Table Call (TCALL) causes the CPU to jump to each
TCALL address, where it commences the execution of the
service routine. The Table Call service area spaces 2-byte
for every TCALL: 0FFC0H for TCALL15, 0FFC2H for
TCALL14, etc., as shown in Figure 8-7 .
Example: Usage of TCALL
The interrupt causes the CPU to jump to specific location,
where it commences the execution of the service routine.
The External interrupt 0, for example, is assigned to loca-
tion 0FFFAH. The interrupt service locations spaces 2-byte
interval: 0FFF8H and 0FFF9H for External Interrupt 1,
0FFFAH and 0FFFBH for External Interrupt 0, etc.
Any area from 0FF00H to 0FFFFH, if it is not going to be
used, its service location is available as general purpose
Program Memory.
Figure 8-6 Interrupt Vector Area
TCALL
AREA
INTERRUPT
VECTOR AREA
FF00H
FFC0H
FFE0H
FFFFH
PCALL
AREA
A000H
8000H
F000H
E000H
C000H
LDA
#5
TCALL
0FH
;
1BYTE INSTR UCTIO N
:;
INSTEAD O F 2 BYTES
:;
NO RM AL CALL
;
;TABLE CALL ROUTINE
;
FUNC_A:
LDA
LRG0
RET
;
FUNC_B:
LDA
LRG1
RET
;
;TABLE CALL ADD. AREA
;
ORG
0FFC0H
;
TCALL ADDRESS AREA
DW
FUNC_A
DW
FUNC_B
1
2
E0
E2
Address
Vector Area Memory
E4
E6
E8
EA
EC
EE
F0
F2
F4
F6
F8
FA
FC
FE
-
-
-
Basic Interval Timer Interrupt Vector Area
-
-
Timer2 Interrupt Vector Area
Timer0 Interrupt Vector Area
-
External Interrupt 2 Vector Area
Key Scan Interrupt Vector Area
RESET Vector Area
External Interrupt 1 Vector Area
Timer1 Interrupt Vector Area
Watch Dog Timer Interrupt Vector Area
"-" means reserved area.
NOTE:
-
0FFDEH
S/W Interrupt Vector Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com