Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032E Datasheet (PDF) - Hynix Semiconductor

HMS81032E Datasheet PDF - Hynix Semiconductor
Part # HMS81032E
Download  HMS81032E Download
File Size   1112.28 Kbytes
Page   77 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS81032E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMS81032E Datasheet PDF - Hynix Semiconductor

Part # HMS81032E
Download  HMS81032E Click to download

File Size   1112.28 Kbytes
Page   77 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS

HMS81032E Datasheet (HTML) - Hynix Semiconductor


HMS81032E Product details

Description

The HMS81004E/08E/16E/24E/32E is an advanced CMOS 8-bit microcontroller with 4/8/16/24/32K bytes of ROM. The device is one of GMS800 family. The HYNIX HMS81004E/08E/16E/24E/32E is a powerful microcontroller which provides a highly flexible and cost effective solution to many UR applications.The HMS81004E/08E/16E/24E/32E provides the following standard features: 4/8/16/24/32K bytes of ROM, 448 bytes of RAM, 8-bit timer/counter, on-chip oscillator and clock circuitry. In addition, the HMS81004E/08E/16E/24E/32E supports power saving modes to reduce power consumption.



Features

• Instruction Cycle Time:

- 1us at 4MHz

• Operating Voltage

- 2.0 ~ 3.6 V @ 4MHz (MASK)

- 2.0 ~ 4.0 V @ 4MHZ (OTP)

•Timer

- Timer / Counter ......... 16Bit * 1ch

                        ......... 8Bit * 2ch

- Basic Interval Timer ...... 8Bit * 1ch

- Watch Dog Timer ............ 6Bit * 1ch

• 8 Interrupt sources

- Nested Interrupt control is available.

- External input: 2

- Keyscan input

- Basic Interval Timer

- Watchdog timer

- Timer : 3

• Power On Reset

• Power saving Operation Modes

- STOP Operation

- SLEEP Operation

• Low Voltage Detection Circuit

• Watch Dog Timer Auto Start (During 1second after Power on Reset)



 




Similar Part No. - HMS81032E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AK ETC1-HMS81C2012AK Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012ALQ ETC1-HMS81C2012ALQ Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AQ ETC1-HMS81C2012AQ Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2020A ETC1-HMS81C2020A Datasheet
1Mb / 107P
CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
More results


Similar Description - HMS81032E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com