Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS91C8032 Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # HMS91C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS91C8032 Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button HMS91C8032 Datasheet HTML 23Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 24Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 25Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 26Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 27Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 28Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 29Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 30Page - Hynix Semiconductor HMS91C8032 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 157 page
background image
HMS91C8032/97C8032
24
NOV., 2001 Ver 1.02
INTS0 (RI or TI)
INTT2 (TF2 or EXF2)
INTWDT
INTIFC
INTAD
INTEX2
INTEX3
INTEX4
INTS1
INTS2
INTEX5
INTEX6
INTT3
INTT4
IP: INTERRUPT PRIORITY REGISTER. BIT ADDRESSABLE. : B8H
If the bit is 0, the corresponding interrupt has a lower priority and If the bit is 1, the corresponding interrupt has a higher priority.
-
IP.7
Not implemented, reserved for future use.*
-
IP.6
Not implemented, reserved for future use.*
IPT2
IP.5
Defines the Timer 2 interrupt priority level
IPS
IP.4
Defines the Serial Port interrupt priority level.
IPT1
IP.3
Defines the Timer 1 interrupt priority level.
IPX1
IP.2
Defines External Interrupt 1 priority level.
IPT0
IP.1
Defines the Timer 0 interrupt priority level.
IPX0
IP.0
Defines the External Interrupt 0 priority level.
* User software should not write 1s to reserved bits. These bits may be used in future DTS3 products to invoke new features. In that case,
the reset or inactive value of the new bit will be 0, and its active value will be 1.
IP2: INTERRUPT PRIORITY REGISTER 2. : B1H
If the bit is 0, the corresponding interrupt has a lower priority and If the bit is 1, the corresponding interrupt has a higher priority.
-
IP2.7
Not implemented, reserved for future use.*
-
IP2.6
Not implemented, reserved for future use.*
-
IP2.5
Not implemented, reserved for future use.*
IPX6
IP2.4
Defines External Interrupt 6 priority level.
IPX5
IP2.3
Defines External Interrupt 5 priority level.
IPX4
IP2.2
Defines External Interrupt 4 priority level.
IPX3
IP2.1
Defines External Interrupt 3 priority level.
IPX2
IP2.0
Defines External Interrupt 2 priority level.
* User software should not write 1s to reserved bits. These bits may be used in future DTS3 products to invoke new features. In that case,
the reset or inactive value of the new bit will be 0, and its active value will be 1.
-
-
IPT2
IPS0
IPT1
IPX1
IPT0
IPX0
-
-
-
IPX6
IPX5
IPX4
IPX3
IPX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com