Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS97C8032 Datasheet(PDF) 89 Page - Hynix Semiconductor

Part # HMS97C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS97C8032 Datasheet(HTML) 89 Page - Hynix Semiconductor

Back Button HMS97C8032 Datasheet HTML 85Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 86Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 87Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 88Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 89Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 90Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 91Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 92Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 93Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
HMS91C8032/97C8032
86
NOV., 2001 Ver 1.02
2. The current (polling) cycle is not the final cycle in the execu-
tion of the instruction in progress.
3. The RETI instruction in progress or any write to the IEs or IPs
registers.
Any of these three conditions will block the generation of the
LCALL to the interrupt service routine, Condition 2 ensures that
the instruction in progress will be completed before vectoring to
any service routine. Condition 3 ensures that if the instruction in
progress is RETI or any access to IEs or IPs, then at least one
more instruction will be executed before any interrupt is vectored
to.
The polling cycle is repeated with each machine cycle, and the
values polled are the values that were present at S5P2 of the pre-
vious machine cycle. Note that if an interrupt flag is active but not
being responded to for one of the above conditions, and is not still
active when the blocking condition is removed, the denied inter-
rupt will not be serviced. In other words, the fact that the interrupt
flag was once active but not serviced is not remembered. Every
polling cycle is now.
The polling cycle/LCALL sequence is illustrated in Figure 4-43.
Note that if an interrupt of higher priority level goes active prior
Figure 4-42 Interrupt Control Block
IE / IE2 / IE3 Register
IP / IP2 / IP3 Register
Interrupt Enable Control
Interrupt Priority Control
INTEX0
INTT0
INTEX1
INTT1
INTS0
(RI or TI)
INTT2
(TF2 or T2EX)
INTWDT
INTIF
INTADC
INTEX2
INTEX3
INTEX4
INTS1
INTS2
INTEX5
INTEX6
INTT3
INTT4
High Level Priority
High Polling Priority
Low Level Priority
High Polling Priority
High Level Priority
Low Polling Priority
Low Level Priority
Low Polling Priority
Interrupt Polling
Sequence
EA Register
Global Enable
Individual Enables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com