Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS97C8032 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMS97C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS97C8032 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMS97C8032 Datasheet HTML 17Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 18Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 19Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 20Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 21Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 22Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 23Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 24Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
HMS91C8032/97C8032
18
NOV., 2001 Ver 1.02
4.1 Clock Generation Block
Software can control the system clock speed of HMS91C8032
with the SCMOD register. the SCMOD register determine sys-
tem clock speed and clock source. Figure 4-3 shows the block di-
agram of the system clock generation block.
Guideline on the CPU clock speed
For determining the speed of CPU clock(fCPU), the following
constraints should be satisfied.
The maximum counting rate of timer0~4 in counter mode,
should be less than or equal to (1/6)fCPU
The maximum timer clock rate of timer0~4 in timer mode
should be less than or equal to (1/2)fCPU
NOTE:
SCMOD: SELECT CLOCK MODE. : 80H
SCMOD[2:0]
Select system clock
0x
x
fxx
1
0
0
fxx / 2
1
0
1
fxx / 4
1
1
0
fxx / 8
1
1
1
fxx / 16
-
-
-
SCSTOP
SCSW
SCMOD2
SCMOD1
SCMOD0
-
SCMOD.7
Reserved for future use *
-
SCMOD.6
Reserved for future use *
-
SCMOD.5
Reserved for future use *
SCSTOP
SCMOD.4
Software control of the main system oscillator. A logic 1 pulls down the main
system oscillator (7.2MHz).
SCSW
SCMOD.3
Software switch control between main system oscillator and sub system oscillator.
A logic 1 switches sub system oscillator (32.768KHz).
SCMOD2
SCMOD.2
See NOTES
SCMOD1
SCMOD.1
See NOTES
SCMOD0
SCMOD.0
See NOTES
Figure 4-2 System Clock Generation Block
fMOSC
(Main Oscillator Clock)
fSOSC
(Sub Oscillator Clock)
SCSTOP
1/2
1/2
1/4
1/8
1/16
fCPU
(CPU Clock)
Watchdog Clock
PLL Clock
fOSC
(Oscillator
Clock)
SCSW
0
1
S C M O D 1,2,3
fXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com