Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C4460 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HMS87C4460
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C4460 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HMS87C4460 Datasheet HTML 12Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 13Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 14Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 15Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 16Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 17Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 18Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 19Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
HMS81C4x60
14
November 2001 Ver 1.1
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ........................................... -0.3 to +6.0 V
Storage Temperature ................................-40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
............................................................... -0.3 to VDD+0.3
Maximum current out of Vss pin.........................160 mA
Maximum current into VDD pin ..........................160 mA
Maximum current sunk by(IOL per I/O Pin) .........20 mA
Maximum output current sourced by (IOH per I/O Pin)
.................................................................................8 mA
Maximum current (
ΣIOL) .................................... 100 mA
Maximum current (
ΣIOH)...................................... 80 mA
Note: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 DC Electrical Characteristics
(TA=-10~70°C, VDD=4.5~5.5V),
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
VDD=4.5~5.5V
4.5
5.5
V
Operating Frequency
fXIN
fXIN=4MHz
-4.0(typical)
MHz
Operating Temperature
TOPR
-10
70
°C
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
High level input voltage
VIH
TEST, RESET, Xin, R0, R1, R2, R3,
HS, VS
0.8 VDD
-
VDD
V
Low level input voltage
VIL
TEST, RESET, Xin, R0, R1, R2, R3,R4
HS, VS
0-
0.12 VDD
V
High level output voltage
VOH
IOH = -5mA
R0, R1, R2, R3, YS, YM
VDD - 1
--
V
Low level output voltage
VOL
IOL = 5mA
R0, R1, R2, R4
-
-1.0
v
Supply current in
ACTIVE mode
IDD
VDD
-40
80
mA
pull-up lekage current
IRUP
VDD = 5.5v, VPIN = 0.4V
TEST, R00, R01, R03, R04, R05, R06,
R07, R20, R22, R25, R30, R31, R32, R33
R36
-1.5
-400
µA
High input leakage
current
IIZH
VDD = 5.5V, VPIN = VDD
All input, I/O pins except XIN
-5
-
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com