Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS87C4460 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HMS87C4460
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C4460 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HMS87C4460 Datasheet HTML 17Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 18Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 19Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 20Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 21Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 22Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 23Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 24Page - Hynix Semiconductor HMS87C4460 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
HMS81C4x60
November 2001 Ver 1.1
19
Ta= -20~70
°C
(Main-clock)
Ta=25
°C
IDD1−VDD
60
50
40
30
20
(mA)
IDD
44.555.5
6
VDD
(V)
Normal Mode (Main opr.)
6
4
2
1
0
(MHz)
fMAIN
44.555.5
6.5
VDD
(V)
Operating Area
fMAIN=4MHz
5
3
6
fMAIN=4MHz
VDD
−VIL
3
2
1
(V)
VIL1
44.5
55.5
6
VDD
(V)
Ta=25
°C
Hysterisis
fMAIN=4MHz
VDD−VIL
3
2
1
(V)
VIL1
44.5
55.5
6
VDD
(V)
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com