Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1C152S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFC1C152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1C152S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFC1C152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE62 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
10
39
5
7
120
0.950 1000
0.45
2.0
5.0
2.5
EEAFC1A390( )
200
2000
47
4
11
120
1.30
1000
0.45
1.5
5.0
2.5
EEUFC1A470( )
200
2000
82
5
11
175
0.80
1000
0.50
2.0
5.0
2.5
EEUFC1A820( )
200
2000
6.3
7
200
0.450 1000
0.45
2.5
5.0
2.5
EEAFC1A820( )
200
2000
100
5
11
175
0.80
1000
0.50
2.0
5.0
2.5
EEUFC1A101S( )
200
2000
5
15
235
0.50
1000
0.50
2.0
5.0
2.5
EEUFC1A101( )
200
2000
150
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1A151( )
200
2000
180
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1A181( )
200
2000
220
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1A221S( )
200
2000
6.3
15
400
0.250 1000
0.50
2.5
5.0
2.5
EEUFC1A221( )
200
2000
330
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1A331( )
200
1000
390
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1A391( )
200
1000
470
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1A471( )
200
1000
560 10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC1A561( )
200
500
680
8
15
730
0.085 2000
0.60
3.5
5.0
EEUFC1A681L( )
200
1000
10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC1A681( )
200
500
820 10
16
1050
0.068 3000
0.60
5.0
5.0
EEUFC1A821( )
200
500
1000
8
20
995
0.065 2000
0.60
3.5
5.0
EEUFC1A102L( )
200
1000
10
16
1050
0.068 3000
0.60
5.0
5.0
EEUFC1A102( )
200
500
1200 10
20
1220
0.052 3000
0.60
5.0
5.0
EEUFC1A122( )
200
500
12.5
15
1205
0.065 5000
0.60
5.0
5.0
EEUFC1A122S( )
200
500
1500 10
25
1440
0.045 3000
0.60
5.0
5.0
EEUFC1A152( )
200
500
1800 12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC1A182( )
200
500
16
15
1690
0.043 5000
0.80
7.5
7.5
EEUFC1A182S( )
100
250
2200 10
30
1815
0.035 3000
0.60
5.0
EEUFC1A222L
100
12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC1A222( )
200
500
2700 12.5
25
1945
0.030 5000
0.60
5.0
5.0
EEUFC1A272( )
200
500
18
15
2000
0.038 5000
0.80
7.5
7.5
EEUFC1A272S( )
100
250
3300 12.5
30
2310
0.025 5000
0.80
5.0
EEUFC1A332
100
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC1A332S( )
100
250
3900 12.5
35
2510
0.022 5000
0.80
5.0
EEUFC1A392L
100
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC1A392( )
100
250
4700 12.5
40
2655
0.018 5000
0.80
5.0
EEUFC1A472L
100
16
25
2555
0.022 5000
0.80
7.5
7.5
EEUFC1A472( )
100
250
5600 16
25
2555
0.022 5000
0.80
7.5
7.5
EEUFC1A562( )
100
250
18
20
2490
0.028 5000
0.80
7.5
7.5
EEUFC1A562S( )
100
250
6800 16
31.5
3010
0.018 5000
0.80
7.5
EEUFC1A682
100
18
25
2740
0.020 5000
0.80
7.5
7.5
EEUFC1A682S( )
100
250
8200 16
35.5
3150
0.016 5000
0.80
7.5
EEUFC1A822L
100
18
31.5
3635
0.016 5000
0.80
7.5
EEUFC1A822
50
10000 18
35.5
3680
0.015 5000
0.80
7.5
EEUFC1A103
50
12000 18
40
3735
0.014 5000
0.80
7.5
EEUFC1A123
50
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
i
H
Lead Space
Part No.
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.Packaging Q’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
Specification
i
B
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm.
H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endur-
ance
Mar. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com