Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1C152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUFC1C152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1C152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUFC1C152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1C152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE59 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
FC
Series:
Type :
A
-55 to + 105
°C
6.3 to 100 V .DC
1.0 to 15000 µ F
±20 % (120Hz/+20
°C)
Japan
Malaysia
China
Endurance : 105
°C 1000 h to 5000 h
Low impedance
Radial Lead Type
n
Features
Category temp. range
Rated W.V. Range
Nominal Cap. Range
n
Specifications
DC Leakage Current
tan
δ
Capacitance Tolerance
I < 0.01 CV or 3(µ A)
after 2 minues application of rated working voltage at +20
°C (Whichever is greater)
60
120
1k
10k
100k
0.55
0.65
0.85
0.90
1.0
Body Dia.
φD
Body LengthL
Lead Dia.
φd
Lead space P
15 to 25 30 to35
0.45
0.45
0.45
0.45
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
1.5
2
2.5
1.5
2.0
2.5
3.5
5.0
5.0
5.0
7.5
7.5
4
5
6.3
4
5
6.3
8
10
12.5
16
18
6.3 to 100
1.0 to
330
390
to 1000
1200
to 2200
2700
to 15000
0.75
0.80
0.90
0.95
1.0
0.80
0.85
0.95
1.00
1.0
0.70
0.75
0.90
0.95
1.0
L=7
L >11
(>6.3mm dia)
L i
L <16:L+1.0 max
φd±0.05
14 min
3min
φD+0.5 max
φ10<
φD+0.5 max
φ8>
L >20:L+2.0 max
Endurance
After following life test with DC voltage and +105±2
°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall
meet the limits specified bellow.
Duration : 1000 hours (
φ4 to 6.3), 2000hours (φ8), 3000 hours (φ10), 5000 hours (φ12.5 to 18)
Post test requirement at +20
°C
n
Frequency correction factor for ripple current
W.V.(V.DC)
Capacitance
(µF)
Frequency(Hz)
Sleeve
Vent
n
Dimensions in mm (not to scale)
W.V.(V)
tan
δ
6.3
10
16
25
35
50
63
100
0.22
0.19
0.16
0.14
0.12
0.10
0.08
0.07
For capacitance value > 1000µF, add 0.02 per every 1000 µF.
Country of Origin
i
φ 8×15,φ 16×15,φ 18×15:L+1.5max
Shelf Life
Capacitance change
tan
δ
DC leakage current
±20% of initial measured value
<
200 % of initial specified value
<
initial specified value
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitor shall meet the limits specified in Endurance. (With voltage treatment)
But exclude 7mm
height product
Mar. 2005


Similar Part No. - EEUFC1C152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1C152S PANASONIC-EEUFC1C152S Datasheet
94Kb / 9P
Aluminum Electrolytic Capacitors/FC
EEUFC1C152S PANASONIC-EEUFC1C152S Datasheet
238Kb / 10P
Aluminum Electrolytic Capacitors/ FC
logo
Pacific Silicon Sensor,...
EEUFC1C152S PACIFIC-EEUFC1C152S Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
logo
Panasonic Semiconductor
EEUFC1C152S PANASONIC-EEUFC1C152S Datasheet
219Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC1C152S PANASONIC-EEUFC1C152S Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEUFC1C152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
Aluminum Electrolytic Capacitors/FC
EEU-FC1E331 PANASONIC-EEU-FC1E331 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com