Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1E152S Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EEUFC1E152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EEUFC1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE65 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
6.8
4
7
65
2.000 1000
0.45
1.5
5.0
2.5
EEAFC1V6R8( )
200
2000
12
5
7
120
0.950 1000
0.45
2.0
5.0
2.5
EEAFC1V120( )
200
2000
18
4
11
120
1.300 1000
0.45
1.5
5.0
2.5
EEUFC1V180( )
200
2000
22
5
11
175
0.800 1000
0.50
2.0
5.0
2.5
EEUFC1V220( )
200
2000
27
5
11
175
0.800 1000
0.50
2.0
5.0
2.5
EEUFC1V270( )
200
2000
6.3
7
200
0.450 1000
0.45
2.5
5.0
2.5
EEAFC1V270( )
200
2000
33
5
11
175
0.080 1000
0.50
2.0
5.0
2.5
EEUFC1V330( )
200
2000
39
5
15
235
0.500 1000
0.50
2.0
5.0
2.5
EEUFC1V390( )
200
2000
47
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1V470( )
200
2000
56
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1V560( )
200
2000
68
6.3
11.2
290
0.350 1000
0.50
2.5
5.0
2.5
EEUFC1V680( )
200
2000
82
6.3
15
400
0.250 1000
0.50
2.5
5.0
2.5
EEUFC1V820( )
200
2000
100
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1V101( )
200
1000
120
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1V121( )
200
1000
150
8
11.5
555
0.117 2000
0.60
3.5
5.0
EEUFC1V151( )
200
1000
180 10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC1V181( )
200
500
220
8
15
730
0.085 2000
0.60
3.5
5.0
EEUFC1V221L( )
200
1000
10
12.5
755
0.090 3000
0.60
5.0
5.0
EEUFC1V221( )
200
500
270 10
16
1050
0.068 3000
0.60
5.0
5.0
EEUFC1V271( )
200
500
330
8
20
995
0.065 2000
0.60
3.5
5.0
EEUFC1V331L( )
200
1000
10
16
1050
0.068 3000
0.60
5.0
5.0
EEUFC1V331( )
200
500
390 10
20
1220
0.052 3000
0.60
5.0
5.0
EEUFC1V391( )
200
500
12.5
15
1205
0.065 5000
0.60
5.0
5.0
EEUFC1V391S( )
200
500
470 10
20
1220
0.052 3000
0.60
5.0
5.0
EEUFC1V471( )
200
500
560 10
25
1440
0.045 3000
0.60
5.0
5.0
EEUFC1V561( )
200
500
12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC1V561S( )
200
500
680 10
30
1815
0.035 3000
0.60
5.0
EEUFC1V681L
100
12.5
20
1655
0.038 5000
0.60
5.0
5.0
EEUFC1V681( )
200
500
16
15
1690
0.043 5000
0.80
7.5
7.5
EEUFC1V681S( )
100
250
820 12.5
25
1945
0.030 5000
0.60
5.0
5.0
EEUFC1V821L( )
200
500
18
15
2000
0.038 5000
0.80
7.5
7.5
EEUFC1V821( )
100
250
1000 12.5
25
1945
0.030 5000
0.60
5.0
5.0
EEUFC1V102( )
200
500
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC1V102S( )
100
250
1200 12.5
30
2310
0.025 5000
0.80
5.0
EEUFC1V122L
100
16
20
2205
0.029 5000
0.80
7.5
7.5
EEUFC1V122( )
100
250
1500 12.5
35
2510
0.022 5000
0.80
5.0
EEUFC1V152L
100
16
25
2555
0.022 5000
0.80
7.5
7.5
EEUFC1V152( )
100
250
18
20
2490
0.028 5000
0.80
7.5
7.5
EEUFC1V152S( )
100
250
1800 12.5
40
2655
0.018 5000
0.80
5.0
EEUFC1V182L
100
16
25
2555
0.022 5000
0.80
7.5
7.5
EEUFC1V182( )
100
250
18
20
2490
0.028 5000
0.80
7.5
7.5
EEUFC1V182S( )
100
250
2200 16
31.5
3010
0.018 5000
0.80
7.5
EEUFC1V222
100
18
25
2740
0.020 5000
0.80
7.5
7.5
EEUFC1V222S( )
100
250
35
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.Packaging Q’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm.
H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
i
B
i
H
Endur-
ance
Mar. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com