Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFC1E152S Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EEUFC1E152S
Description  Aluminum Electrolytic Capacitors/FC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1E152S Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EEUFC1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1E152S Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE68 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
(pcs)
(pcs)
(mm)
(mm)
5.6
8.2
12
18
22
33
39
56
68
100
120
150
180
220
270
330
390
470
560
680
5
5
6.3
6.3
8
8
10
8
10
10
10
12.5
10
12.5
16
12.5
18
12.5
16
12.5
16
12.5
18
16
18
16
18
16
18
18
11
15
11.2
15
11.5
15
12.5
20
16
20
25
15
30
20
15
25
15
30
20
35
25
40
20
31.5
25
35.5
31.5
40
35.5
40
80
90
114
155
260
340
306
455
400
463
599
511
698
671
793
807
917
937
995
1040
1170
1130
1230
1520
1420
1730
1600
1920
1770
2300
4.1
2.8
1.8
1.1
0.68
0.45
0.53
0.33
0.36
0.24
0.21
0.23
0.15
0.180
0.140
0.110
0.120
0.098
0.110
0.087
0.089
0.072
0.080
0.062
0.070
0.053
0.062
0.047
0.041
0.036
1000
1000
1000
1000
2000
2000
3000
2000
3000
3000
3000
5000
3000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.50
0.50
0.50
0.50
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.60
0.80
0.60
0.80
0.60
0.80
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
2.0
2.0
2.5
2.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
7.5
5.0
7.5
5.0
7.5
5.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
7.5
7.5
7.5
7.5
7.5
EEUFC2A5R6( )
EEUFC2A8R2( )
EEUFC2A120( )
EEUFC2A180( )
EEUFC2A220( )
EEUFC2A330L( )
EEUFC2A330( )
EEUFC2A390L( )
EEUFC2A390( )
EEUFC2A560( )
EEUFC2A680L( )
EEUFC2A680( )
EEUFC2A101L
EEUFC2A101( )
EEUFC2A121S( )
EEUFC2A151( )
EEUFC2A151S( )
EEUFC2A181L
EEUFC2A181( )
EEUFC2A221L
EEUFC2A221( )
EEUFC2A271L
EEUFC2A271S( )
EEUFC2A331
EEUFC2A331S( )
EEUFC2A391L
EEUFC2A391
EEUFC2A471
EEUFC2A561
EEUFC2A681
200
200
200
200
200
200
200
200
200
200
200
200
100
200
100
200
100
100
100
100
100
100
100
100
100
100
50
100
50
50
2000
2000
2000
2000
1000
1000
500
1000
500
500
500
500
500
250
500
250
250
100
250
250
100
2.5
2.5
2.5
2.5
(mm) (mm)
(mm)
(µF)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQ’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
Endur-
ance
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
Mar. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com