Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9707T Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # STAC9707T
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707T Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button STAC9707T Datasheet HTML 18Page - Hynix Semiconductor STAC9707T Datasheet HTML 19Page - Hynix Semiconductor STAC9707T Datasheet HTML 20Page - Hynix Semiconductor STAC9707T Datasheet HTML 21Page - Hynix Semiconductor STAC9707T Datasheet HTML 22Page - Hynix Semiconductor STAC9707T Datasheet HTML 23Page - Hynix Semiconductor STAC9707T Datasheet HTML 24Page - Hynix Semiconductor STAC9707T Datasheet HTML 25Page - Hynix Semiconductor STAC9707T Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
22
10/02/98
4. STAC9704/7 MIXER
The STAC9704/7 mixer is designed to the AC’97 specification to manage the playback and record of all digital
and analog audio sources in the PC environment. These include:
•
System Audio: digital PCM input and output for business, games and multimedia
•
CD/DVD: analog CD/DVD-ROM Redbook audio with internal connections to Codec mixer
•
Mono microphone: choice of desktop mic, with programmable boost and gain
•
Speakerphone: use of system mic and speakers for telephone, DSVD, and video conferencing
•
Video: TV tuner or video capture card with internal connections to Codec mixer
•
AUX/synth: analog FM or wavetable synthesizer, or other internal source
Figure 11. STAC9704/7 Mixer Functional Diagram
vol
mute
PCM out
D/A
Phone
LINE IN
LINE_OUT
CD
Video
AUX
Analog Audio
Sources
MONO_OUT
PCM IN
20dB
Master
Volume
Mono
Volume
A/D
A/D
Master
Input
Volume
Σ
Σ
vol
vol
vol
vol
vol
vol
vol
mute
mute
mute
mute
mute
mute
mute
KEY
MonoAnalog
StereoAnalog
Digital
LNLVL_OUT
LNLVL
Volume
3D
3D
-6dB
-6dB
PC_Beep
MIC1
MIC2
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com