Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9707T Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # STAC9707T
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707T Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button STAC9707T Datasheet HTML 41Page - Hynix Semiconductor STAC9707T Datasheet HTML 42Page - Hynix Semiconductor STAC9707T Datasheet HTML 43Page - Hynix Semiconductor STAC9707T Datasheet HTML 44Page - Hynix Semiconductor STAC9707T Datasheet HTML 45Page - Hynix Semiconductor STAC9707T Datasheet HTML 46Page - Hynix Semiconductor STAC9707T Datasheet HTML 47Page - Hynix Semiconductor STAC9707T Datasheet HTML 48Page - Hynix Semiconductor STAC9707T Datasheet HTML 49Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
46
10/02/98
Appendix B
+5.0V/+3.3V POWER SUPPLY OPERATION NOTES
The STAC9704 is capable of operating from a single 5V supply connected to both DVdd and AVdd. Even though
the STAC9704 has digital switching levels of 0.2Vdd to 0.5Vdd (See AC Link Electrical Characteristics in this
data book), we recommend that all digital interface signals to the AC-Link be 5V. If digital interface signals
below 5V are used, then appropriate level shifting circuitry must be provided to ensure adequate digital noise
immunity.
The STAC9704 can also operate from a 3.3V digital supply connected to DVdd while maintaining a 5V analog
supply on AVdd. On-chip level shifters ensure accurate logic transfers between the analog and digital portions of
the STAC9704. If digital interface signals above 3.3V are used (i.e. a +5V AC-Link interface), then appropriate
level shifting circuitry must be provided to ensure adequate digital noise immunity and to prevent on-chip ESD
protection diodes from turning on. (See Appendixes A concerning SPLIT INDEPENDENT POWER SUPPLY
OPERATION).
The STAC9707 must be run from a 3.3V supply connected to both DVdd and AVdd. If digital interface signals
above 3.3V are used (i.e. a +5V AC-Link interface), then appropriate level shifting circuitry must be provided to
ensure adequate digital noise immunity and to prevent on-ship ESD protection diodes from turning on.
*Always operate the STAC97xx digital supply from the same supply voltage as the digital controller
supply.
*All the analog inputs must be ac-coupled with a capacitor of 3.3 uF or greater. It is recommended that a
resistor of about 47k ohm be connected from the signal side of the capacitor to analog GND as shown
below.
*All the analog outputs must be ac-coupled. If an external amplifier is used, make sure that the input
impedance of the amplifier is at least 10K ohm and use an ac-coupling capacitor of 3.3 uF.
47K
> 3.3 uF
SIGNAL
Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com