Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9707 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 9Page - Hynix Semiconductor STAC9707 Datasheet HTML 10Page - Hynix Semiconductor STAC9707 Datasheet HTML 11Page - Hynix Semiconductor STAC9707 Datasheet HTML 12Page - Hynix Semiconductor STAC9707 Datasheet HTML 13Page - Hynix Semiconductor STAC9707 Datasheet HTML 14Page - Hynix Semiconductor STAC9707 Datasheet HTML 15Page - Hynix Semiconductor STAC9707 Datasheet HTML 16Page - Hynix Semiconductor STAC9707 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
13
10/02/98
•
PCM Playback
2 output slots
2 Channel composite PCM output stream
•
PCM Record data
2 input slots
2 Channel composite PCM input stream
•
Control
2 output slots
Control register write port
•
Status
2 input slots
Control register read port
Synchronization of all AC-link data transactions is signaled by the AC’97 controller.
The
STAC9704/7 drives the serial bit clock onto AC-link. The AC’97 controller then qualifies with a
synchronization signal to construct audio frames.
SYNC, fixed at 48 kHz, is derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed
at 12.288 MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming
time slots. AC-link serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC-
link data, STAC9704/7 for outgoing data and AC’97 controller for incoming data, samples each serial
bit on the falling edges of BIT_CLK.
The AC-link protocol provides for a special 16-bit (13-bits defined, with 3 reserved trailing bit
positions) time slot (Slot 0) wherein each bit conveys a valid tag for its corresponding time slot within
the current audio frame. A “1” in a given bit position of slot 0 indicates that the corresponding time
slot within the current audio frame has been assigned to a data stream, and contains valid data. If a slot
is “tagged” invalid, it is the responsibility of the source of the data, (STAC9704/7 for the input stream,
AC’97 controller for the output stream), to stuff all bit positions with 0’s during that slot’s active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The
portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of the
audio frame where SYNC is low is defined as the “Data Phase”.
Additionally, for power savings, all clock, sync, and data signals can be halted.
Figure 5. AC’97 Standard Bi-directional Audio Frame
OUTGOING STREAMS
INCOMING STREAMS
SYNC
SLOT #
TAG PHASE
0
1
2
3
4
5
6
7
8
9
10
11 12
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RT
NA
RSVD
RSVD RSVD RSVD RSVD RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
NA
NA
PCM
LEFT
PCM
RT
STATUS
DATA
STATUS
ADR
TAG
DATA PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com