Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9707 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 2Page - Hynix Semiconductor STAC9707 Datasheet HTML 3Page - Hynix Semiconductor STAC9707 Datasheet HTML 4Page - Hynix Semiconductor STAC9707 Datasheet HTML 5Page - Hynix Semiconductor STAC9707 Datasheet HTML 6Page - Hynix Semiconductor STAC9707 Datasheet HTML 7Page - Hynix Semiconductor STAC9707 Datasheet HTML 8Page - Hynix Semiconductor STAC9707 Datasheet HTML 9Page - Hynix Semiconductor STAC9707 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
6
10/02/98
Figure 2. STAC9704 Block Diagram
The STAC9704/7 block diagram, above, illustrates its primary functional blocks. It performs fixed 48K sample
rate D-A & A-D conversion, mixing, and analog processing. The digital interface communicates with the AC’97
controller via the five wire AC-link and contains the 64 word by 16-bit registers. Two fixed 48Kss DAC’s
support a stereo PCM-out channel which contains a mix generated in the AC’97 controller of all software sources,
including the internal synthesizer and any other digital sources. The Mixer block mixes the PCM-out with any
analog sources, then outputs to LINE_OUT and LNLVL_OUT. The MONO_OUT delivers either mic only or a
mono mix of sources from the mixer. The two fixed 48Ks ADC’s take any mix of mono or stereo sources, and
convert it to a stereo PCM-in signal. All ADCs and DACs operate at 18-bit resolution.
The STAC9704/7 is designed primarily to support stereo, 2-speaker PC audio. However, multi-channel encoded
stereo can be played out through the LINE_OUT and LNLVL_OUT.
This encoded signal can be played on
normal stereo speakers, or sent to consumer equipment or other decoding devices via LINE_OUT and
LNLVL_OUT to an analog input connection for multi-channel playback.
As an option, the STAC9704/07
provides for a stereo enhancement feature, Sigmatel Surround 3D (SS3D). SS3D provides the listener with
several options to expand the soundstage beyond the normal 2-speaker arrangement.
Together with the logic component (controller) of AC’97, STAC9704/7 can be SoundBlaster
®
and Windows
®
Sound System compatible. SoundBlaster
®
is a registered trademark of Creative Labs. Windows
®
is a registered
trademark of Microsoft Corporation.
LINE_OUT
MONO_OUT
MIC1
MIC2
M
U
X
MIXER
Analog mixing
and
Gain control
DAC
DAC
ADC
ADC
Power
Management
Digital
Interface
Registers
64 x 16 bits
Mic
Boost
0/20 dB
PCM out DACs
PCM in ADCs
AC-link
4 stereo
sources
2 mono sources
mono
stereo
48Kss
48Kss
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET
LNLVL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com