Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9711 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC9711 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
SigmaTel, Inc
Preliminary
STAC9708/11
3
10/02/98
Table of Contents
General Description
1
Ordering Information
2
1. PIN/SIGNAL Descriptions
9
1.1 Digital I/O
9
1.2 Analog I/O
10
1.3 Filter/References/GPIO
11
1.4 Power and Ground Signal
12
2. AC-Link
12
2.1 Clocking
13
2.2 Reset
13
3. Digital Interface
14
3.1 AC-Link Digital Serial Interface
Protocol
14
3.1.1 AC-Link Audio Output Frame
(SDATA_OUT)
15
3.1.1.1 Slot 1: Command Address Port
16
3.1.1.2 Slot 2: Command Data Port
17
3.1.1.3 Slot 3: PCM Playback Left
Channel
17
3.1.1.4 Slot 4: PCM Playback Right
Channel
17
3.1.1.5 Slot 5: Reserved
17
3.1.1.6 Slot 6: PCM Center Channel
17
3.1.1.7 Slot 7: PCM Left Surround
Channel
18
3.1.1.8 Slot 8: PCM Right Surround
Channel
18
3.1.1.9 Slot 9: PCM Low Frequency
Channel
18
3.1.1.10
Slot 10: PCM Alternate Left
18
3.1.1.11
Slot 11: PCM Alternate Right 18
3.1.1.12
Slot 12: Reserved
19
3.1.2 AC-Link Audio Input Frame
(SDATA_In)
19
3.1.2.1 Slot 1: Status Address Port
20
3.1.2.2 Slot 2: Status Data Port
21
3.1.2.3 Slot 3: PCM Record Left
Channel
21
3.1.2.4 Slot 4: PCM Record Right
Channel
21
3.1.2.5 Slots 5-12: Reserved
21
3.2 AC-Link Low Power Mode
21
3.2.1 Waking up the AC-Link
22
4. STAC9708/11 Mixer
23
4.1 Mixer Input.
25
4.2 Mixer Output
25
4.3 PC Beep Implementations
25
4.4 Programming Registers
26
4.4.1 Reset Register
27
4.4.2 Play Master Volume Registers
27
4.4.3 PC Beep Register
27
4.4.4 Analog Mixer Input Gain
28
4.4.5 Record Select Control
28
4.4.6 Record Gain Registers
30
4.4.7 General Purpose Register
30
4.4.8 3D Control Register
30
4.4.9 Multi-Channel Programming
31
4.4.10 Powerdown Control/Status
32
4.4.10.1 External Amplifier Power
Down (EAPD) Control
33
4.4.11 Extended Audio ID Register
33
4.4.12 Extended Audio Status Register
33
4.4.13 Analog Special Register
33
4.4.14 Vendor ID1 and ID2 Registers
33
5. Low Power Modes
34
6. Multiple Codec Support
36
6.1 Primary/Secondary Codec Selection
36
6.1.1 Primary Codec Operation
36
6.1.2 Secondary Codec Operation
36
6.2 Secondary Codec Register Access
Definitions
36
7. Testability
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com