Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9711 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
13
10/02/98
2.1 Clocking
STAC9708/11 derives its clock internally from an externally connected 24.576 MHz crystal or an
oscillator through the XTAL_IN pin. Synchronization with the AC'97 controller is achieved through the
BIT_CLK pin at 12.288 MHz (half of crystal frequency).
The beginning of all audio sample packets, or “Audio Frames”, transferred over AC-Link is
synchronized to the rising edge of the “SYNC” signal driven by the AC'97 controller.
Data is
transitioned on AC-Link on every rising edge of BIT_CLK, and subsequently sampled by the receiving
side on each immediately following falling edge of BIT_CLK.
2.2 Reset
There are 3 types of resets as detailed under “Timing Characteristics”.
1. a “cold” reset where all STAC9708/11 logic and registers are initialized to their default state
2. a “warm” reset where the contents of the STAC9708/11 register set are left unaltered
3. a “register” reset which only initializes the STAC9708/11 registers to their default states
After signaling a reset to the STAC9708/11, the AC'97 controller should not attempt to play or capture
audio data until it has sampled a “Codec Ready” indication via register 26h from the STAC9708/11.
For proper reset operation SDATA_OUT should be “0” during “cold” reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com