Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1574B Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1574B Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1574B Datasheet HTML 1Page - Integrated Circuit Systems ICS1574B Datasheet HTML 2Page - Integrated Circuit Systems ICS1574B Datasheet HTML 3Page - Integrated Circuit Systems ICS1574B Datasheet HTML 4Page - Integrated Circuit Systems ICS1574B Datasheet HTML 5Page - Integrated Circuit Systems ICS1574B Datasheet HTML 6Page - Integrated Circuit Systems ICS1574B Datasheet HTML 7Page - Integrated Circuit Systems ICS1574B Datasheet HTML 8Page - Integrated Circuit Systems ICS1574B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ICS1574B
N
I
A
G
O
C
VY
C
N
E
U
Q
E
R
F
X
A
M
4z
H
M
0
0
1
5z
H
M
0
0
2
6z
H
M
0
0
3
7z
H
M
0
0
4
Reference Oscillator
and Crystal Selection
The ICS1574B has circuitry on-board to implement a
Pierce oscillator with the addition of only one external
component, a quartz crystal. Pierce oscillators operate the
crystal
in
anti- (also called parallel-) resonant mode. See the AC
Characteristics for the effective capacitive loading to
specify when ordering crystals.
Series-resonant crystals may also be used with the
ICS1574B. Be aware that the oscillation frequency will be
slightly higher than the frequency that is stamped on the
can (typically 0.025 – 0.05%).
As the entire operation of the phase-locked loop depends
on having a stable reference frequency, we recommend
that the crystal be mounted as closely as possible to the
package. Avoid routing digital signals or the ICS1574B
outputs underneath or near these traces. It is also desirable
to ground the crystal can to the ground plane, if possible.
If an external reference frequency source is to be used with
the ICS1574B, it is important that it be jitter-free. The ris-
ing and falling edges of that signal should be fast and free
of noise for best results.
The loop phase can be locked to either the rising or falling
edges of the XTAL1 input signals, and is controlled by
Bit 56.
Power-On Initialization
The ICS1574B has an internal power-on reset circuit that
performs the following functions:
1) Selects the modulus of the PCLK divider to
be four (4).
2) Sets the multiplexer to pass the reference
frequency to PCLK divider input.
These functions should allow initialization for most appli-
cations that cannot immediately provide for register
programming upon system power-up.
Because the power-on reset circuit is on the VDD supply,
and because that supply is filtered, care must be taken to
allow the reset to de-assert before programming. A safe
guideline is to allow 20 microseconds after the VDD sup-
ply reaches 4 volts.
Programming Notes
• VCO Frequency Range: Use the post-divider to keep the
VCO frequency as high as possible within its operating
range.
• Divider Range: For best results in normal situations
keep the reference divider modulus as short as possible
(for a frequency at the output of the reference divider in
the few hundred kHz to several MHz range). If you
need to go to a lower phase comparator reference fre-
quency (usually required for increased frequency
accuracy), that is acceptable, but jitter performance will
suffer somewhat.
• VCO Gain Programming: Use the minimum gain which
can reliably achieve the VCO frequency desired, as
shown here:
• Phase Detector Gain: For most applications and divider
ranges, set P [1, 0] = 10 and set P [2] = 1. Under some
circumstances, setting the P [2] bit “on” can reduce
jitter. During operation at exact multiples of the crystal
frequency, P[2] bit = 0 may provide the best jitter per-
formance.
Board Test Support
It is often desirable to statically control the levels of the
output pins for circuit board test. The ICS1574B supports
this through a register programmable mode, AUX-EN.
When this mode is set, a register bit directly controls the
logic level of the PCLK pin. This mode is activated when
the S[0] and S[1] bits are both set to logic 1. See Register
Mapping for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com