Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1574B Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1574B Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1574B Datasheet HTML 1Page - Integrated Circuit Systems ICS1574B Datasheet HTML 2Page - Integrated Circuit Systems ICS1574B Datasheet HTML 3Page - Integrated Circuit Systems ICS1574B Datasheet HTML 4Page - Integrated Circuit Systems ICS1574B Datasheet HTML 5Page - Integrated Circuit Systems ICS1574B Datasheet HTML 6Page - Integrated Circuit Systems ICS1574B Datasheet HTML 7Page - Integrated Circuit Systems ICS1574B Datasheet HTML 8Page - Integrated Circuit Systems ICS1574B Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
Description
Features
ICS1574B
Block Diagram
User Programmable Laser Engine Pixel Clock Generator
1574B 8/31/00
• Supports high resolution laser graphics. PLL/VCO
frequency re-programmable through serial interface
port to 400 MHz; allows less than ±1.5ns pixel clock
resolution.
• Laser pixel clock output is synchronized with
conditioned beam detect input
• Ideal for laser printer, copier and FAX pixel clock
applications
• On-chip PLL with internal loop filter
• On-chip XTAL oscillator frequency reference
• Resettable, programmable counter gives glitch-free
clock alignment
• Single 5 volt power supply
• Low power CMOS technology
• Compact – 16-pin 0.150" skinny SOIC package
• User re-programmable clock frequency supports
zoom and gray scale functions
The ICS1574B is a very high performance monolithic phase-
locked loop (PLL) frequency synthesizer designed for laser
engine applications. Utilizing ICS’s advanced CMOS mixed-
mode technology, the ICS1574B provides a low cost solution
for high-end pixel clock generation for a variety of laser en-
gine product applications.
The pixel clock output (PCLK) frequency is derived from the
main clock by a programmable resettable divider.
Operating frequencies are fully programmable with direct
control provided for reference divider, feedback divider and
post-scaler.
Figure 1


Similar Part No. - ICS1574B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
ICS1574BEB RENESAS-ICS1574BEB Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
ICS1574BM RENESAS-ICS1574BM Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
More results

Similar Description - ICS1574B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
RevF050697
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS2572 ICST-ICS2572 Datasheet
144Kb / 10P
User-Programmable Dual High-Performance Clock Generator
RevC090894
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
User-Programmable Dual High-Performance Clock Generator
RevB 3/2/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
Motorola, Inc
MC44145 MOTOROLA-MC44145 Datasheet
73Kb / 8P
PIXEL CLOCK GENERATOR / SYNC SEPARATOR
logo
PulseCore Semiconductor
PCS1P2192A PULSECORE-PCS1P2192A Datasheet
143Kb / 8P
VDP Multiple Pixel Clock Generator
logo
ON Semiconductor
PCS1P2192A ONSEMI-PCS1P2192A Datasheet
140Kb / 7P
VDP Multiple Pixel Clock Generator
JANUARY 2010 ??Rev. 2
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1574B RENESAS-ICS1574B Datasheet
577Kb / 13P
User Programmable Laser Engine Pixel Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com