Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1887 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1887
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1887 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1887 Datasheet HTML 1Page - Integrated Circuit Systems ICS1887 Datasheet HTML 2Page - Integrated Circuit Systems ICS1887 Datasheet HTML 3Page - Integrated Circuit Systems ICS1887 Datasheet HTML 4Page - Integrated Circuit Systems ICS1887 Datasheet HTML 5Page - Integrated Circuit Systems ICS1887 Datasheet HTML 6Page - Integrated Circuit Systems ICS1887 Datasheet HTML 7Page - Integrated Circuit Systems ICS1887 Datasheet HTML 8Page - Integrated Circuit Systems ICS1887 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS1887
Pin Descriptions
Note:
1. A running production change will be made to this input in the June 1996 time frame to convert this
input from the TTL-compatible to PECL to more closely match applications requirements. See
Substituting the ICS1887 for the AMD PDR & PDT applications note for more information.
2. This pin was formerly used for Loop-Timed operation. If your design did not use loop timing, this
change does not affect you. If your application requires loop timing, please contact ICS.
* Active Low Input.
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VSS
Negative Supply Voltage
2
TXOFF~
2
TTL-Compatible
Transmitter Off*
3
CD~
TTL-Compatible
1
Carrier Detect input*
4
TX+
PECL
Positive Transmit serial data output
5
TX–
PECL
Negative Transmit serial data output
6
VSS
Negative supply voltage
7
IPRG1
PECL Output stage current set (TX)
8
RX–
PECL
Negative Receive serial data input
9
RX+
PECL
Positive Receive serial data input
10
LB~
TTL-Compatible
Loop Back mode select*
11
LOCK
TTL-Compatible
Lock detect output
12
RD4
TTL-Compatible
Recovered data output 4
13
RD3
TTL-Compatible
Recovered data output 3
14
VSS
Negative supply voltage
15
RD2
TTL-Compatible
Recovered data output 2
16
RD1
TTL-Compatible
Recovered data output 1
17
RD0
TTL-Compatible
Recovered data output 0
18
RCLK
TTL-Compatible
Recovered Receive clock output
19
VDD
Positive supply voltage
20
REF_IN
Positive reference clock/crystal input
21
REF_OUT
Negative reference clock/crystal output
22
VDD
Positive supply voltage
23
TCLK
TTL-Compatible
Transmit clock output
24
TD0
TTL-Compatible
Transmit data input 0
25
TD1
TTL-Compatible
Transmit data input 1
26
TD2
TTL-Compatible
Transmit data input 2
27
TD3
TTL-Compatible
Transmit data input 3
28
TD4
TTL-Compatible
Transmit data input 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com