Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1887 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1887
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1887 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1887 Datasheet HTML 1Page - Integrated Circuit Systems ICS1887 Datasheet HTML 2Page - Integrated Circuit Systems ICS1887 Datasheet HTML 3Page - Integrated Circuit Systems ICS1887 Datasheet HTML 4Page - Integrated Circuit Systems ICS1887 Datasheet HTML 5Page - Integrated Circuit Systems ICS1887 Datasheet HTML 6Page - Integrated Circuit Systems ICS1887 Datasheet HTML 7Page - Integrated Circuit Systems ICS1887 Datasheet HTML 8Page - Integrated Circuit Systems ICS1887 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS1887
Input Pin Descriptions
Parallel Transmit Data (TD0 .. TD4)
Five bit TTL compatible digital input, which is received by
the ICS1887 on the positive edge of TCLK. High impedance
input drivers routed to the serial NRZ to NRZI converter. In
loopback testing mode, this NRZI data is multiplexed to the
input of the device clock recovery section.
Differential ECL Receive Data Input (RX+ & RX-)
The clock recovery and data regenerator from the receive
buffer are driven from this PECL input. During loopback test-
ing mode this input is ignored.
Carrier Detect (CD~)
Active low input which forces the VCO to free run. Upon
receipt of a loss of input signal (such as from an optical-to-
electrical transducer), the internal phase-lock loop will
free-run at the selected operating frequency. Also, when
asserted, CD will set the lock output low.
Transmitter Off (TXOFF~)
Active low input which, when low, forces TX+ low and
TX-high. When high, data passes through TX+ and TX-
unaffected. This input has an internal pull-up resistor.
Loopback Mode (LB~)
Active low input which causes the clock recovery PLL to
operate using the transmit input data reference and ignore the
receive RX± data. Utilized for system loopback testing.
External Crystal or Reference Clock
(REF_IN and REF_OUT)
This oscillator input can be driven from either a fundamental
mode crystal or a stable reference. For either method, the ref-
erence frequency is 25.00 MHz.
Output Pin Descriptions
Differential ECL Transmit Data (TX+ and TX-)
This differential output is converted TD[0..4] serial data. This
output remains active during loopback mode.
Transmit Clock (TCLK)
TTL compatible 25 MHz clock used by the parallel processor
transmitter for clocking out transmit data. This clock can be
derived from either an independent clock source or from the
recovered data clock (system loop time mode).
Parallel Receive Data (RD0 .. RD4)
The regenerated five bit parallel data derived from the serial
data input. In loopback mode this data is regenerated from the
transmit data. This data is phase-aligned with the negative
edge of RCLK clock output.
Receive Clock (RCLK)
A 25 MHz digital clock recovered with the internal clock
recovery PLL. In loopback mode this clock is recovered from
the transmit data.
Lock/Loss Detect (LOCK)
Set high when the clock recovery PLL has locked onto the
incoming data. Set low when there is no incoming data, which
in turn causes the PLL to free-run. This signal can be used to
indicate or ‘alarm’ the next receive stage that the incoming
serial data has stopped.
Output Description
The differential driver for the TX
± is current mode and is de-
signed to drive resistive terminations in a complementary
fashion. The output is current-sinking only, with the amount
of sink current programmable via the IPRG1 pin. The sink
current is equal to four times the IPRG1 current. For most
applications, an 910
Ω resistor from VDD to IPRG1 will set
the current to the necessary precision.
The TX
± pins are incapable of sourcing current, so VOH must
be set by the ratios of the Thevenin termination resistors for
each of these lines. R1 is a pull-up resistor connected from the
PECL output to VDD. R2 is a pull-down resistor connected
from the PECL output to VSS. R1 and R2 are electrically in
parallel from an AC standpoint. If we pick a target impedance
of 50
Ω for our transmission line impedance, a value of 62Ω
for R1 and a value of 300
Ω for R2 would yield a Thevinin
equivalent characteristic impedance of 50
Ω and a VOH value
of VDD -.88 volts, compatible with PECL circuits.
To set a value for VOL, we must determine a value for Iprg that
will cause the output FET’s to sink an appropriate current. We
desire VOL to be VDD -1.81 or greater. Setting up a sink current
of 19 milliamperes would guarantee this through our output
terminating resistors. As this is controlled by a 4/1 current
mirror, 4.75 mA into Iprg should set this current properly. An
910
Ω resistor from VDD to Iprg should work fine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com