Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 79 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 79 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 75Page - Integrated Circuit Systems ICS1893 Datasheet HTML 76Page - Integrated Circuit Systems ICS1893 Datasheet HTML 77Page - Integrated Circuit Systems ICS1893 Datasheet HTML 78Page - Integrated Circuit Systems ICS1893 Datasheet HTML 79Page - Integrated Circuit Systems ICS1893 Datasheet HTML 80Page - Integrated Circuit Systems ICS1893 Datasheet HTML 81Page - Integrated Circuit Systems ICS1893 Datasheet HTML 82Page - Integrated Circuit Systems ICS1893 Datasheet HTML 83Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
Chapter 8
Management Register Set
ICS1893 Rev C 6/6/00
June, 2000
79
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.6.5.2
Technology Ability Field: Software Mode
In Software mode (that is, the HW/SW pin is logic one), these TAF bits are Command Override Write bits.
The default value of these bits depends on the signal level on the HW/SW pin and whether the
Auto-Negotiation sublayer is enabled.
In Software mode, with the Auto-Negotiation Enable bit (bit 0.12) set to logic:
• Zero (that is, disabled), the ICS1893 does not execute the auto-negotiation process. Upon completion of
the initialization sequence, the ICS1893 proceeds to the Idle state and begins transmitting IDLES. Two
Control Register bits – the Data Rate Select bit (bit 0.13) and the Duplex Select bit (bit 0.8) – determine
the technology mode that the ICS1893 uses for data transmission and reception. In this mode, the
values of the TAF bits (bits 4.8:5) are undefined.
• One (that is, enabled), the ICS1893 executes the auto-negotiation process and advertises its capabilities
to the remote link partner. The TAF bits (bits 4.8:5) determine the capabilities that the ICS1893
advertises to its remote link partner. For the ICS1893, all of these bits 4.8:5 are set to logic one,
indicating the ability of the ICS1893 to provide these technologies.
Note:
1.
The ICS1893 does not alter the value of the Status Register bits based on the TAF bits in register
4, as the ISO/IEC definitions for the Status Register bits require these bits to indicate all the
capabilities of the ICS1893.
2.
In this mode, an STA can alter the default TAF bit settings, 4.12:5, and subsequently issue an
Auto-Negotiation Restart.
8.6.6
Selector Field (Bits 4.4:0)
When its Auto-Negotiation Sublayer is enabled, the ICS1893 transmits its link capabilities to its remote Link
Partner during the auto-negotiation process. The Selector Field is transmitted based on the value of bits
4.4:0. These bits indicate to the remote link partner the type of message being sent during the
auto-negotiation process. The ICS1893 supports IEEE Std 802.3, represented by a value of 00001b in bits
4.4:0. The ISO/IEC 8802-3 standard defines the Selector Field technologies in Annex 28A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com