Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893 Datasheet(PDF) 100 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 100 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 96Page - Integrated Circuit Systems ICS1893 Datasheet HTML 97Page - Integrated Circuit Systems ICS1893 Datasheet HTML 98Page - Integrated Circuit Systems ICS1893 Datasheet HTML 99Page - Integrated Circuit Systems ICS1893 Datasheet HTML 100Page - Integrated Circuit Systems ICS1893 Datasheet HTML 101Page - Integrated Circuit Systems ICS1893 Datasheet HTML 102Page - Integrated Circuit Systems ICS1893 Datasheet HTML 103Page - Integrated Circuit Systems ICS1893 Datasheet HTML 104Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
100
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.14
Register 19: Extended Control Register 2
The Extended Control Register provides more refined control of the internal ICS1893 operations.
Note:
1.
For an explanation of acronyms used in Table 8-20, see Chapter 1, “Abbreviations and Acronyms”.
2.
During any write operation to any bit in this register, the STA must write the default value to all
Reserved bits.
† The default is the state of this pin at reset.
Table 8-21.
Extended Control Register (register [0x13])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
19.15
Node/Repeater Mode
Node mode
Repeater mode
RO
–
NOD/
REP†
–
19.14
Hardware/Software
Mode
Hardware mode
Software mode
RO
–
HW/
SW†
19.13
Remote Fault
No faults detected
Remote fault
detected
RO
–
0
19.12
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.11
ICS reserved
Read unspecified
Read unspecified
RW
–
0
0
19.10
ICS reserved
Read unspecified
Read unspecified
RO
–
0
19.9
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.8
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.7
Twisted Pair Tri-State
Enable, TPTRI
Twisted Pair Signals
are not Tri-Stated or
No effect
Twisted Pair Signals
are Tri-Stated
RW
–
0
0
19.6
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.5
Force LEDs On
No effect
Force all LEDs on
RW
–
0
19.4
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.3
ICS reserved
Read unspecified
Read unspecified
RW
–
0
1
19.2
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.1
ICS reserved
Read unspecified
Read unspecified
RW
–
0
19.0
Automatic 100Base-TX
Power Down
Do not automatically
power down
Power down
automatically
RW
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com