Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 17Page - ATMEL Corporation AT697F_14 Datasheet HTML 18Page - ATMEL Corporation AT697F_14 Datasheet HTML 19Page - ATMEL Corporation AT697F_14 Datasheet HTML 20Page - ATMEL Corporation AT697F_14 Datasheet HTML 21Page - ATMEL Corporation AT697F_14 Datasheet HTML 22Page - ATMEL Corporation AT697F_14 Datasheet HTML 23Page - ATMEL Corporation AT697F_14 Datasheet HTML 24Page - ATMEL Corporation AT697F_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
21
AT697F
7703E–AERO–08/11
Traps and Interrupts
Overview
The AT697F supports two types of traps:
synchronous traps
asynchronous traps also called interrupts.
Synchronous traps are caused by the hardware responding to a particular instruction.
They occur during the instruction that caused them. Asynchronous traps occur when an
external event interrupts the processor. They are not related to any particular instruction
and occur between the execution of instructions.
A trap is a vectored transfer of control to the supervisor through a special trap table that
contains the first four instructions of each trap handler. The trap base address (TBR) of
the table is established by the supervisor and the displacement, within the table, is
determined by the trap type.
A trap causes the current window pointer to advance to the next register window and the
hardware to write the program counters (PC & nPC) into two registers of the new
window.
Synchronous Traps
The AT697F follows the general SPARC trap model. The table below shows the imple-
mented traps and their individual priority.
Table 4. Trap Overview
Trap
Trap Type
Priority
Description
reset
n/a(1)
1
Power-on reset
write_error
0x2B
2
Write buffer error
instruction_access_exception
0x01
3
Error during instruction fetch
Edac uncorrectable error during instruction
fetch
illegal_instruction
0x02
5
UNIMP or other un-implemented
instruction
privileged_instruction
0x03
4
Execution of privileged instruction in user
mode
fp_disabled
0x04
6
FP instruction while FPU disabled
cp_disabled
0x24
Co-processor instruction while co-
processor disabled
watchpoint_detected
0x0B
7
Instruction or data watchpoint match
window_overflow
0x05
8
SAVE into invalid window
window_underflow
0x06
RESTORE into invalid window
register_hardware_error
0x20
9
Register file uncorrectable EDAC error
mem_address_not_aligned
0x07
10
Memory access to un-aligned address
fp_exception
0x08
11
FPU exception
data_access_exception
0x09
13
Access error during load or store
instruction
tag overflow
0x0A
14
Tagged arithmetic overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com