Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 30Page - ATMEL Corporation AT697F_14 Datasheet HTML 31Page - ATMEL Corporation AT697F_14 Datasheet HTML 32Page - ATMEL Corporation AT697F_14 Datasheet HTML 33Page - ATMEL Corporation AT697F_14 Datasheet HTML 34Page - ATMEL Corporation AT697F_14 Datasheet HTML 35Page - ATMEL Corporation AT697F_14 Datasheet HTML 36Page - ATMEL Corporation AT697F_14 Datasheet HTML 37Page - ATMEL Corporation AT697F_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
34
AT697F
7703E–AERO–08/11
Read Access
An I/O read access consists in a address lead-in cycle (the IOSEL* signal is delayed by
one clock cycle to provide a stable address for sampling), two data cycles and an
address lead-out-cycle.
Figure 11. I/O Read Access (no wait-states)
lead-in
read
lead-out
SDCLK
A
Address
IOS*
OE*
D
Data
Write Access
An I/O write access consists in an address lead-in cycle, a data write cycle and an
address lead-out cycle. The write operation is strobed by the WRITE* signal.
Figure 12. I/O Write Access (no wait-states)
lead-in
write
lead-out
SDCLK
A
Address
IOS*
WRITE*
D
Data
Wait-States
For application accessing slow I/O devices, the memory controller allows to insert wait-
states during an I/O read /write access (MCFG1.iows). Up to 15 wait-states can be
inserted.
An I/O read/write access can further be stretched when even more delay is needed (see
"BRDY*-Controlled Access" later in this chapter").
Data Bus Width
When configured for 32-bit I/O (MCFG1.iowdh = 00), D[31:0] shall be connected to
the I/O device(s). Only 32-bit load/store instructions (LD, ST) shall be used then.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com