Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF280F Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF280F
Description  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 17Page - ATMEL Corporation ATF280F_14 Datasheet HTML 18Page - ATMEL Corporation ATF280F_14 Datasheet HTML 19Page - ATMEL Corporation ATF280F_14 Datasheet HTML 20Page - ATMEL Corporation ATF280F_14 Datasheet HTML 21Page - ATMEL Corporation ATF280F_14 Datasheet HTML 22Page - ATMEL Corporation ATF280F_14 Datasheet HTML 23Page - ATMEL Corporation ATF280F_14 Datasheet HTML 24Page - ATMEL Corporation ATF280F_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
21
3.
IO720_GCK6_CSOUT, IO655_CHECKN and IO225_OTSN are configured in [CFG] function during
configuration download if the appropriate function is activated (respectively cascading mode, CHECK
function, Output Tri-State) (Refer to bitstream configuration for more details)
4.
IOx_Dy pins ensure the data wide access in 8 or 16 bits. When parallel mode is set (mode 2 or 6),
I0x_D[1:7] are always configured as [CFG] function. By the way, IOx_D[8:15] are configured as [CFG]
function only if 16 bits access is configured (refer to Bitstream configuration for more details) else they
remain as [GPIO] function.
4.6
Run
4.6.1
Description
The Run lifephase is the operating state of the FPGA and is design dependent. It means that in this lifephase, the
loaded design runs and its own lifephases are taken into account.
4.6.2
Pin Function Availability
Table 4-6.
Pin Function during Run
Lifephase = Run
ATF280 Pin names
Nominal
OTS
CSIC
Free Run oscillator
RESET*
[CFG]
[CFG]
[CFG]
[CFG]
M0, M1, M2
[CFG]
[CFG]
[CFG]
[CFG]
IO303_INIT
[GPIO]
[GPIO]
[CFG]
[GPIO]
CON
[CFG]
[CFG]
[CFG]
[CFG]
CCLK
[CFG]
[CFG]
[CFG]
[CFG]
1
IO713_D0
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IOx_Dy
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO259_LDC
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO265_HDC
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO547_CS0
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO743_A2_CS1
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO720_GCK6_CSOUT
[GPIO]or[CLOC
K]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
IOx_Az
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IOx_GCKy_Az
[GPIO]or[CLOC
K]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
IO655_CHECKN
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IO225_OTSN
[GPIO]
[CFG]
[GPIO]
[GPIO]
IOx
[GPIO]
[GPIO]
[GPIO]
[GPIO]
IOx_GCKy
[GPIO]or[CLOC
K]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
IOx_FCKy
[GPIO]or[CLOC
K]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
[GPIO]or[CLOCK]
Notes:
1. When using the Free Run Oscillator in mode 0 only (refer to Register section about CR13), the CCLK pin
is output as clock signal. The user shall take care of this at system level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com