Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF280F Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATF280F
Description  Rad-Hard Reprogrammable FPGA
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF280F Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATF280F_14 Datasheet HTML 37Page - ATMEL Corporation ATF280F_14 Datasheet HTML 38Page - ATMEL Corporation ATF280F_14 Datasheet HTML 39Page - ATMEL Corporation ATF280F_14 Datasheet HTML 40Page - ATMEL Corporation ATF280F_14 Datasheet HTML 41Page - ATMEL Corporation ATF280F_14 Datasheet HTML 42Page - ATMEL Corporation ATF280F_14 Datasheet HTML 43Page - ATMEL Corporation ATF280F_14 Datasheet HTML 44Page - ATMEL Corporation ATF280F_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
ATF280F [DATASHEET]
7750E
−AERO−05/12
41
Figure 5-12. ATF280F Power-On Reset in mode 7
Notes:
1. This line shows the different lifephase viewable in life cycle diagram described in OperatingModes /
Lifephases
section,
2.
“CCE” means Clear Cycle End.
[Power-On-Reset]: During the Power-On Reset lifephase, the ATF280F starts to drive the signal regarding the
configuration download interfaces as defined below. The end of this lifephase is marked by the rising edge of
IO303_INIT pin:
• M0, M1, M2: these signals are inputs and not used,
• CCLK: this signal is internally pulled-up,
• IO713_D0: this signal is internally pulled-up,
• CON: this signal is driven to a low logic level,
• IO303_INIT: this signal is internally pulled-up until the end of the Clear Cycle operation (CCE). At this time,
IO303_INIT is driven to a low logic level during approximatively 1 us,
• IO259_LDC: the Low During Configuration is driven to a low logic level,
• IO265_HDC: the High During Configuration is driven to a high logic level,
• RESETN: this signal is an input which has no effect during the Power-On Reset lifephase.
[Mode Sampling]: During the Mode Sampling lifephase, the ATF280F continues to drive the signal regarding
configuration download interfaces. In addition, Mode Pins (M0, M1, M2) are sensed:
• M0, M1, M2: these signals are inputs and sensed to determine the used mode. If mode 0 is sampled (as
shown in the figure above), the automatic configuration download starts.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com