Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2572 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2572 Datasheet HTML 1Page - Integrated Circuit Systems ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Frequency Synthesizer Description
Refer to Figure 1 for a block diagram of the ICS2572.
The ICS2572 generates its output frequencies using phase-
locked loop techniques. The phase-locked loop (or PLL) is a
closed-loop feedback system that drives the output frequency
to be ratiometrically related to the reference frequency pro-
vided to the PLL. The phase-frequency detector shown in the
block diagram drives the VCO to a frequency that will cause
the two inputs to the phase-frequency detector to be matched
in frequency and phase. This occurs when:
N
FVCO=FXTAL1*
2
where N is the effective modulus of the feedback divider chain
and R is the modulus of the reference divider chain.
The feedback divider on the ICS2572 may be set to any integer
value from 257 to 512. This is done by the setting of the N0-N7
bits. The standard reference divider on the ICS2572 is fixed to
a value of 43 (this may be set to a different value via ROM
programming; contact factory). The ICS2572 is equipped with
a post-divider and multiplexer that allows the output frequency
range to be scaled down from that of the VCO by a factor of 2,
4, or 8.
Therefore, the VCO frequency range will be from 5.976 to
11.906 (257/43 to 512/43) of the reference frequency. The
output frequency range will be from 0.747 to 11.906 times the
reference frequency. Worst case accuracy for any desired fre-
quency within that range will be 0.2%.
If a 14.31818 MHz reference is used, the output frequency
range would be from 10.697 MHz to 170.486 MHz.
Programming Example
Suppose that we want differential CLK o utput to be
45.723 MHz. We will assume the reference frequency to be
14.31818 MHz.
The VCO frequency range will be 85.565 MHz to
170.486 MHz (5.976 * 14.31818 to 11.906 * 14.31818). We
will need to set the post-divider to two to get an output of
45.723 MHz.
The VCO will then need to be programmed to two times
45.723 MHz, or 91.446 MHz. To calculate the required feed-
back divider modulus we divide the VCO frequency by the
reference frequency and multiply by the reference divider:
91.446
*43=274.62
14.31818
which we round off to 275. The exact output frequency will
be:
275
1
*14.31818*
=45.784 MHz
43
2
The value of the N programming bits may be calculated by
subtracting 257 from the desired feedback divider modulus.
Thus, the N value will be set to 18 (275-257) or 000100102.
The D bit programming is 102 (from Table 2).
LOAD Frequency Selection
The LOAD (or divided dotclock) output frequency will be the
CLK+/CLK- frequency divided by 1, 4, 5, or 8. The choice of
modulus is a factory option, and is specified along with the
ROM frequencies in the VCLK and MCLK tables by way of
the two-digit suffix of the part number.
Reference Oscillator & Crystal
Selection
The ICS2572 has on-board circuitry to implement a Pierce
oscillator with the addition of only one external component, a
quartz crystal. Pierce oscillators operate the crystal in parallel-
resonant (also called anti-resonant mode. See the AC Charac-
teristics for the effective capacitive loading to specify when
ordering crystals.
Crystals characterized for their series-resonant frequency may
also be used with the ICS2572. Be aware that the oscillation
frequency in circuit will be slightly higher than the frequency
that is stamped on the can (typically 0.025-0.05%).
As the entire operation of the phase-locked loop depends on
having a stable reference frequency, we recommend that the
crystal be mounted as closely as possible to the package. Avoid
routing digital signals or the ICS2572 outputs underneath or
near these traces. It is also desirable to ground the crystal can
to the ground plane, if possible.
ICS2572
E-99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com