Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2572 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS2572
Description  User-Programmable Dual High-Performance Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2572 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS2572 Datasheet HTML 2Page - Integrated Circuit Systems ICS2572 Datasheet HTML 3Page - Integrated Circuit Systems ICS2572 Datasheet HTML 4Page - Integrated Circuit Systems ICS2572 Datasheet HTML 5Page - Integrated Circuit Systems ICS2572 Datasheet HTML 6Page - Integrated Circuit Systems ICS2572 Datasheet HTML 7Page - Integrated Circuit Systems ICS2572 Datasheet HTML 8Page - Integrated Circuit Systems ICS2572 Datasheet HTML 9Page - Integrated Circuit Systems ICS2572 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Phase-Locked Loop:
-
-
-
VCLK, MCLK VCO
Frequency
Fvco
100
-
235
MHz
PLL Acquire Time
Tlock
-
500
-
uSec
Crystal Oscillator
-
-
-
Crystal Frequency
Range
Fxtal
5
-
25
MHz
Parallel Loading
Capacitance
-20
-
pF
XTAL1 Minimum High
Time
Txhi
8
-
-
ns
XTAL1 Minimum Low
Time
Txlo
8
-
-
ns
Power Supplies:
-
-
-
-
VDD Supply Current
idd
-
-
35
mA
VAA Supply Current
Iaa
-
-
10
mA
Digital Outputs:
-
-
-
CLK+/CLK- Recom-
mended Termination
50
-
2
ohms
Other Outputs Rise
Time @ Cload=20pF
Tf
-
-
2
ns
Other Outputs Fall Time
@ Cload=20pF
Tf
-
-
-
ns
ICS2572
E-102



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com