Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8534A Datasheet HTML 1Page - NXP Semiconductors PCF8534A Datasheet HTML 2Page - NXP Semiconductors PCF8534A Datasheet HTML 3Page - NXP Semiconductors PCF8534A Datasheet HTML 4Page - NXP Semiconductors PCF8534A Datasheet HTML 5Page - NXP Semiconductors PCF8534A Datasheet HTML 6Page - NXP Semiconductors PCF8534A Datasheet HTML 7Page - NXP Semiconductors PCF8534A Datasheet HTML 8Page - NXP Semiconductors PCF8534A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
2 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
3.
Ordering information
[1]
Not to be used for new designs. Replacement part is PCF85134HL/1.
4.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form Version
PCF8534AHL/1[1]
LQFP80
plastic low profile quad flat
package; 80 leads;
body 12
 12  1.4 mm
tape and reel
SOT315-1
PCF8534AU/DA/1 wire bond die 76 bonding pads;
2.91
 2.62  0.38 mm
chip in tray
PCF8534AU
Table 2.
Marking codes
Type number
Marking code
PCF8534AHL/1
PCF8534AHL
PCF8534AU/DA/1
PC8534A-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com