Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8534A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 17Page - NXP Semiconductors PCF8534A Datasheet HTML 18Page - NXP Semiconductors PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors PCF8534A Datasheet HTML 21Page - NXP Semiconductors PCF8534A Datasheet HTML 22Page - NXP Semiconductors PCF8534A Datasheet HTML 23Page - NXP Semiconductors PCF8534A Datasheet HTML 24Page - NXP Semiconductors PCF8534A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
21 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
In cascaded applications each PCF8534A in the cascade must be addressed separately.
Initially, the first PCF8534A is selected by sending the device-select command matching
the first hardware subaddress. Then the data pointer is set to the preferred display RAM
address by sending the load-data-pointer command.
Once the display RAM of the first PCF8534A has been written, the second PCF8534A is
selected by sending the device-select command again. This time however the command
matches the hardware subaddress of the second device. Next the load-data-pointer
command is sent to select the preferred display RAM address of the second PCF8534A.
This last step is very important because during writing data to the first PCF8534A, the
data pointer of the second PCF8534A is incremented. In addition, the hardware
subaddress should not be changed while the device is being accessed on the I2C-bus
interface.
7.10.3 RAM writing in 1:3 multiplex drive mode
In 1:3 multiplex drive mode, the RAM is written as shown in Table 7 (see Figure 13 as
well).
If the bit at position BP2/S2 would be written by a second byte transmitted, then the
mapping of the segment bits would change as illustrated in Table 8.
In the case described in Table 8 the RAM has to be written entirely and BP2/S2, BP2/S5,
BP2/S8, and so on, have to be connected to elements on the display. This can be
achieved by a combination of writing and rewriting the RAM like follows:
Table 7.
Standard RAM filling in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are not connected to any elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1
b7
b4
b1
c7
c4
c1
d7
:
1
a6
a3
a0
b6
b3
b0
c6
c3
c0
d6
:
2
a5
a2
-
b5
b2
-
c5
c2
-
d5
:
3
---
---
---
-:
Table 8.
Entire RAM filling by rewriting in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are connected to elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1/b7 b4
b1/c7 c4
c1/d7 d4
d1/e7 e4
:
1
a6
a3
a0/b6 b3
b0/c6 c3
c0/d6 d3
d0/e6 e3
:
2
a5
a2
b5
b2
c5
c2
d5
d2
e5
e2
:
3
---
---
---
-:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com