Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS200 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS200
Description  SMPTE Time Code Receiver/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS200 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS200 Datasheet HTML 1Page - Integrated Circuit Systems ICS200 Datasheet HTML 2Page - Integrated Circuit Systems ICS200 Datasheet HTML 3Page - Integrated Circuit Systems ICS200 Datasheet HTML 4Page - Integrated Circuit Systems ICS200 Datasheet HTML 5Page - Integrated Circuit Systems ICS200 Datasheet HTML 6Page - Integrated Circuit Systems ICS200 Datasheet HTML 7Page - Integrated Circuit Systems ICS200 Datasheet HTML 8Page - Integrated Circuit Systems ICS200 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS2008B
ICS2008B Rev D 4/05/05
Block Diagram
SMPTE Time Code Receiver/ Generator
•
Meets SMPTE VITC Specifications
•
Meets SMPTE and EBU LTC Specifications
•
Time Code Burn-in Window
– Programmable position, size and character attributes
•
LTC edge rate control
– Conforms to EBU Tr and Tf Specifications
•
Internal and external sync sources
– Genlock to video or house sync inputs
– Improved video timing lock during VCR pause and
shuttle modes
– Internally generated timing from oscillator input
– External click input
– Internal Timer
Allows 1/4 Frame MIDI Time Code Messages
•
LTC and VITC Generators
– Real Time SMPTE Rates:
30Hz, 29.97Hz, 25Hz, 24Hz
– Time Code Modes
Drop Frame and Color Frame
– VITC can be inserted on two lines from 10-40
(SMPTE specifies lines 10-20)
– Jam Sync, freewheeling, error bypass/correction,
and plus-one-frame capability
•
LTC Receiver
– Synchronize bit rates from 1/30th nominal to 80X
nominal playback speed.
•
VITC Receiver
– Reads code from any or all selected scan lines.
– VITC search mode, will search through VBI lines until
VITC is found.
•
New UART frequency of 38.4 K for tape transport control
The ICS2008B, SMPTE Time Code Receiver / Generator
chip, is a VLSI device designed in a low power CMOS
process. This device provides the timing coordination for
Multimedia sight and sound events. Although it is aimed at
a PC Multimedia environment, the ICS2008B is easily
integrated into products requiring SMPTE time code
generation and/or reception in LTC (Longitudinal Time
Code) and/or VITC (Vertical Interval Time Code) formats
and MTC (MIDI Time Code) translation.
Taking its input from composite video, S-Video, or an
audio track, the ICS2008B can read SMPTE time code in
VITC and LTC formats. Time code output formats are LTC
and VITC. All are available simultaneously. A UART is
provided for the user to support MTC or tape transport
control.
The processor interface is compatible with the IBM PC and
ISA bus compatible computers and is easily interfaced to
other processors and micro-controllers.
The ICS2008B is an improved version of the ICS2008,
with additional features and capabilities.
ICS2008 ICS2008B 2008 2008B
ICS reserves the right to make changes in the device data identified in this publication without
further notice. ICS advises its customers to obtain the latest version of all device data to verify
that any information being relied upon by the customer is current and accurate.


Similar Part No. - ICS200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2002 ICST-ICS2002 Datasheet
550Kb / 21P
Wavedec Digital Audio Codec
RevF093094
ICS2002Y ICST-ICS2002Y Datasheet
550Kb / 21P
Wavedec Digital Audio Codec
RevF093094
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
ICS2008BVF RENESAS-ICS2008BVF Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results

Similar Description - ICS200

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4224B TEMIC-U4224B Datasheet
225Kb / 17P
Time Code Receiver
logo
ATMEL Corporation
U4223B ATMEL-U4223B Datasheet
138Kb / 18P
Time-Code Receiver with A/D Converter
logo
OKI electronic componet...
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234 Datasheet
370Kb / 32P
SMPTE HOTLink Transmitter/Receiver
logo
TEMIC Semiconductors
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
TIME-CODE RECEIVER WITH TC OUTPUT
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
C-MOS TIME CODE GENERATOR / READER
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
Longwave Time Code RF Receiver LSI
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
SMPTE HOTLink??Transmitter/Receiver
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com