Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18NF30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB18NF30
Description  Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NF30 Datasheet(HTML) 4 Page - STMicroelectronics

  STB18NF30 Datasheet HTML 1Page - STMicroelectronics STB18NF30 Datasheet HTML 2Page - STMicroelectronics STB18NF30 Datasheet HTML 3Page - STMicroelectronics STB18NF30 Datasheet HTML 4Page - STMicroelectronics STB18NF30 Datasheet HTML 5Page - STMicroelectronics STB18NF30 Datasheet HTML 6Page - STMicroelectronics STB18NF30 Datasheet HTML 7Page - STMicroelectronics STB18NF30 Datasheet HTML 8Page - STMicroelectronics STB18NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STB18NF30
4/15
DocID018590 Rev 3
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified).
Table 5. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID=1 mA, VGS=0
330
-
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS=330 V
VDS=330 V,Tc=125 °C
-1
µA
50
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS=±20 V
-
±
100
nA
VGS(th)
Gate threshold voltage
VDS=VGS, ID= 250 µA
2
-
4
V
RDS(on)
Static drain-source
on-resistance
VGS=10 V, ID=9 A
160
180
m
Ω
Table 6. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS=25 V, f=1 MHz,
VGS=0 V
-
1650
-
pF
Coss
Output capacitance
-
220
pF
Crss
Reverse transfer
capacitance
-30
pF
Qg
Total gate charge
VDD=264 V, ID=18 A,
VGS=10 V
(see Figure 14)
-44
-
nC
Qgs
Gate-source charge
-
7
-
nC
Qgd
Gate-drain charge
-
17
-
nC
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD=165 V, ID= 9 A,
RG= 4.70 Ω, VGS=10 V
(see Figure 13)
-20
-
ns
tr
Rise time
-
18
-
ns
td(off)
Turn-off delay time
-
145
-
ns
tf
Fall time
-
45
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com