Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18NF30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB18NF30
Description  Automotive-grade N-channel 330 V, 160 m typ., 18 A STripFET II Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NF30 Datasheet(HTML) 1 Page - STMicroelectronics

  STB18NF30 Datasheet HTML 1Page - STMicroelectronics STB18NF30 Datasheet HTML 2Page - STMicroelectronics STB18NF30 Datasheet HTML 3Page - STMicroelectronics STB18NF30 Datasheet HTML 4Page - STMicroelectronics STB18NF30 Datasheet HTML 5Page - STMicroelectronics STB18NF30 Datasheet HTML 6Page - STMicroelectronics STB18NF30 Datasheet HTML 7Page - STMicroelectronics STB18NF30 Datasheet HTML 8Page - STMicroelectronics STB18NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
August 2013
DocID018590 Rev 3
1/15
STB18NF30
Automotive-grade N-channel 330 V, 160 m
Ω typ., 18 A STripFET™ II
Power MOSFET in a D²PAK package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• 100% avalanche tested
• 175 °C junction temperature
Applications
• Switching applications
Description
This Power MOSFET has been developed using
STMicroelectronics’ unique STripFET process,
which is specifically designed to minimize input
capacitance and gate charge. This renders the
device suitable for use as primary switch in
advanced high-efficiency isolated DC-DC
converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
D²PAK
1
3
TAB
Order code
VDSS
RDS(on) max.
ID
STB18NF30
330 V
180 m
Ω
18 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STB18NF30
18NF30
D²PAK
Tape and reel
www.st.com


Similar Part No. - STB18NF30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB18NF30 ISC-STB18NF30 Datasheet
370Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - STB18NF30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
STD25NF20 STMICROELECTRONICS-STD25NF20 Datasheet
848Kb / 16P
Automotive-grade N-channel 200 V, 0.10 ??typ., 18 A STripFET™Power MOSFET in a DPAK package
27-May-2015
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
Automotive-grade N-channel 60 V, 19 mΩ typ., 24 A STripFET™F6 Power MOSFET in a DPAK package
30-Jun-2015
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
Automotive-grade P-channel -30 V, 11 mΩ typ., -49 A STripFET™H6 Power MOSFET in a DPAK package
05-Aug-2015
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
Automotive-grade N-channel 100 V, 12.5 mΩ typ., 45 A, STripFET™F7 Power MOSFET in a DPAK package
01-Feb-2017
STD14NM50NAG STMICROELECTRONICS-STD14NM50NAG Datasheet
645Kb / 16P
Automotive-grade N-channel 500 V, 0.285 typ., 12 A MDmesh™ II Power MOSFET in a DPAK package
March 2019 Rev 2
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
01-Oct-2019
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
29-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com