Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307M-02 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS307M-02
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M-02 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS307M-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
6
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
External Components / Crystal Selection
The ICS307 require a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the ICS307 to minimize lead inductance. A 33
Ω terminating resistor can be used in
series with the CLK1 and CLK2 outputs. A parallel resonant, fundamental mode crystal with a load
(correlation) capacitance of C should be used, where C is the value calculated from Table 4. For crystals
with a specified load capacitance greater than C, additional crystal capacitors may be connected from each
of the pins X1 and X2 to Ground as shown in the Block Diagram on page 1. The value (in pF) of these
crystal caps should be = (CL-C)*2, where CL is the crystal load capacitance in pF. These external
capacitors are only required for applications where the exact frequency is critical. For a clock input,
connect to X1 and leave X2 unconnected (no capacitors on either pin).
Figure 2. Timing Diagram for Programming the ICS307
Parameter
Condition
Min
Max
Units
Setup time.
10
ns
Hold time after SCLK.
10
ns
Data wait time.
10
ns
Strobe pulse width
40
ns
AC Parameters for Writing to the ICS307
DATA
C1
C0
TTL
F1
R1
R0
•
•
•
•
•
•
SCLK
STROBE
tsetup
thold
tw
ts
tSETUP
tHOLD
tw
ts



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com