Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307M-02 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS307M-02
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307M-02 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS307M-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS307M-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
8
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Package
Temperature
ICS307M-01
ICS307M-01
16 pin SOIC
0 to 70 °C
ICS307M-01T
ICS307M-01
16 pin SOIC on tape and reel
0 to 70 °C
ICS307M-01I
ICS307M-01I
16 pin SOIC
-40 to 85°C
ICS307M-01IT
ICS307M-01I
16 pin SOIC on tape and reel
-40 to 85°C
ICS307M-02
ICS307M-02
16 pin SOIC
0 to 70 °C
ICS307M-02T
ICS307M-02
16 pin SOIC on tape and reel
0 to 70 °C
ICS307M-02I
ICS307M-02I
16 pin SOIC
-40 to 85°C
ICS307M-02IT
ICS307M-02I
16 pin SOIC on tape and reel
-40 to 85°C
16 pin SOIC narrow
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA
1
2
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com