Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS508M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS508M
Description  PECL to CMOS Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS508M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS508M Datasheet HTML 1Page - Integrated Circuit Systems ICS508M Datasheet HTML 2Page - Integrated Circuit Systems ICS508M Datasheet HTML 3Page - Integrated Circuit Systems ICS508M Datasheet HTML 4Page - Integrated Circuit Systems ICS508M Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS508
PECL to CMOS Converter
MDS 508 C
1
Revision 012400
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel • www.icst.com
PRELIMINARY INFORMATION
• Packaged as 8 pin SOIC or die
• Separate VDD supplies allow voltage
translation
• Clock frequency of 0 - 250 MHz
• Duty cycle of 45/55
• Operating voltages of 2.375 to 5.5 V
• Tri-state output for board level testing
• 24 mA drive capability
• Industrial temperature version available
• Advanced, low power CMOS process
The ICS508 is the most cost effective way to
generate a high quality, high frequency CMOS
clock output from a PECL clock input.
The ICS508 has separate VDD supplies for the
PECL input buffer and the output buffer allowing
different voltages to be used. For example, the
input clock could use a 3.3 V supply while the
output operates from 2.5 V.
The device has an Output Enable pin that tri-states
the clock output when the OE pin is taken low.
The ICS508 is a member of the ClockBlocks™
family of devices.
Description
Features
Block Diagram
PECLIN
PECLIN
VDDP
VDDC
Output
Buffer
GND
OE
CLK
GND


Similar Part No. - ICS508M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501 ICST-ICS501 Datasheet
122Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 071304
ICS501 ICST-ICS501 Datasheet
113Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 120704
logo
Integrated Device Techn...
ICS501 IDT-ICS501 Datasheet
101Kb / 9P
LOCO PLL CLOCK MULTIPLIER Zero ppm multiplication error
ICS501 IDT-ICS501 Datasheet
109Kb / 9P
LOCO PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501-DPK ICST-ICS501-DPK Datasheet
122Kb / 6P
LOCO PLL CLOCK MULTIPLIER
Revision 071304
More results

Similar Description - ICS508M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
Quad CMOS to PECL* Translator
1996 REV 5
logo
Integrated Circuit Syst...
ICS558-01 ICST-ICS558-01 Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
Cypress Semiconductor
CY2PD817 CYPRESS-CY2PD817 Datasheet
69Kb / 6P
320-MHz 1:7 PECL to PECL/CMOS Buffer
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
QUAD CMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com