Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS513 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS513
Description  LOCO??PLL Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS513 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS513 Datasheet HTML 1Page - Integrated Circuit Systems ICS513 Datasheet HTML 2Page - Integrated Circuit Systems ICS513 Datasheet HTML 3Page - Integrated Circuit Systems ICS513 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS513
LOCO™ PLL Clock Generator
MDS 513 B
3
Revision 080699
Printed 12/4/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA• 95126 • (408)295-9800tel• (408)295-9818fax
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
S0
2
V
Input Low Voltage, VIL
S0
0.8
V
Input High Voltage, VIH
S1
VDD-0.5
V
Input Low Voltage, VIM
S1
VDD/2
V
Input Low Voltage, VIL
S1
0.5
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current
No Load, 100 MHz
20
mA
IDD Power Down Supply Current, 3.3 V
S1 = S0 = 0
1.5
mA
Short Circuit Current
CLK output
±70
mA
On-Chip Pull-up Resistor
Pin 6
270
k
Input Capacitance, S1, S0
Pins 6, 7
4
pF
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Input Frequency, crystal input
5
14.31818
27
MHz
Input Frequency, clock input
2
14.31818
50
MHz
Output Frequency
VDD = 4.5 to 5.5 V
14
100
140
MHz
Output Frequency
VDD = 3.0 to 3.6 V
14
100
100
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
1.5V, up to 140 MHz
45
49 to 51
55
%
Power up time, from PD to outputs stable
5
10
ms
Power down time, from running to PD state
50
ns
Absolute Clock Period Jitter
Deviation from mean
±110
ps
One Sigma Clock Period Jitter
40
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com