Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS513 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS513
Description  LOCO??PLL Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS513 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS513 Datasheet HTML 1Page - Integrated Circuit Systems ICS513 Datasheet HTML 2Page - Integrated Circuit Systems ICS513 Datasheet HTML 3Page - Integrated Circuit Systems ICS513 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS513
LOCO™ PLL Clock Generator
MDS 513 B
4
Revision 080699
Printed 12/4/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA• 95126 • (408)295-9800tel• (408)295-9818fax
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
L
0.016
0.035
0.406
0.889
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
Part/Order Number
Marking
Package
Temperature
ICS513M
ICS513M
8 pin SOIC
0-70°C
ICS513MT
ICS513M
8 pin SOIC on tape and reel
0-70°C
External Components / Crystal Selection
The ICS513 requires a 0.01µF decoupling capacitor to be connected between VDD and GND. It must be
connected close to the ICS513 to minimize lead inductance. No external power supply filtering is required
for this device. A 33
Ω terminating resistor can be used next to the CLK and REF pins. The total on-chip
capacitance is approximately 12 pF, so a parallel resonant, fundamental mode crystal should be used. For
crystals with a specified load capacitance greater than 12 pF, crystal capacitors should be connected from
each of the pins X1 and X2 to Ground as shown in the Block Diagram on page 1. The value (in pF) of
these crystal caps should be = (CL-12)*2, where CL is the crystal load capacitance in pF. These external
capacitors are only required for applications where the exact frequency is critical. For a clock input,
connect to X1 and leave X2 unconnected (no capacitors on either).
c
A
b
D
E
H
e
h x 45°
Q
Pin 1
LOCO is a trademark of ICS
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com