Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS514
Description  LOCO??PLL Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS514 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS514 Datasheet HTML 1Page - Integrated Circuit Systems ICS514 Datasheet HTML 2Page - Integrated Circuit Systems ICS514 Datasheet HTML 3Page - Integrated Circuit Systems ICS514 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1
S0
CLK
Multiplier
Accuracy
0
0
Power Down CLK
-
-
0
1
25
1.746
1 ppm
M
0
33.33
2.328
0.008%
M
1
40
2.794
1 ppm
1
0
50
3.492
1 ppm
1
1
66.66
4.656
0.008%
ICS514
LOCO™ PLL Clock Generator
MDS 514 B
2
Revision 080699
Printed 11/13/00
Integrated Circuit Systems • 525 Race Street • San Jose•CA • 95126 • (408)295-9800tel• (408)295-9818fax
Pin Assignment
18
2
3
4
7
6
5
X1/ICLK
VDD
GND
REF
X2
S1
S0
CLK
Number
Name
Type
Description
1
X1/ICLK
I
Crystal connection to 14.31818 MHz crystal or clock input.
2
VDD
P
Connect to +3.3V or +5V.
3
GND
P
Connect to ground.
4
REF
O
Reference 14.31818 MHz crystal oscillator buffered clock output.
5
CLK
O
Clock output per table above.
6
S0
T I
Select 0 for output clock. Connect to GND or VDD or float. See table above.
7
S1
T I
Select 1 for output clock. Connect to GND or VDD or float. See table above.
8
X2
O
Crystal connection to 14.31818 MHz crystal. Leave unconnected for clock input.
Pin Descriptions
Key: I = Input, TI = Tri-Level Input, O = output, P = power supply connection
Clock Decoding Table (MHz) with
14.31818MHz Crystal or Clock Input
0 = connect directly to ground.
1 = connect directly to VDD.
M = leave unconnected (floating).
CLK and REF stop low in power down state.
Notes: 1. With S1 = S0 = 0, the internal PLL is turned off and the CLK output stops low.
The crystal oscillator and REF output are still active.
2. With a clock input, the phase relationship between the input and output clocks can
change each time the device is powered on. If a fixed phase relationship is required,
please use our ICS571 or other zero delay multipliers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com