Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS514 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS514
Description  LOCO??PLL Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS514 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS514 Datasheet HTML 1Page - Integrated Circuit Systems ICS514 Datasheet HTML 2Page - Integrated Circuit Systems ICS514 Datasheet HTML 3Page - Integrated Circuit Systems ICS514 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS514
LOCO™ PLL Clock Generator
MDS 514 B
3
Revision 080699
Printed 11/13/00
Integrated Circuit Systems • 525 Race Street • San Jose•CA • 95126 • (408)295-9800tel• (408)295-9818fax
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses bee ond these can permaneentl damage tthe device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only
ICLK (Pin 1)
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL, ICLK only
ICLK (Pin 1)
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH
S0
2
V
Input Low Voltage, VIL
S0
0.8
V
Input High Voltage, VIH
S1
VDD-0.5
V
Input Low Voltage, VIM
S1
VDD/2
V
Input Low Voltage, VIL
S1
0.5
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
IDD Operating Supply Current
No Load, 66.66MHz
20
mA
IDD Power Down Supply Current, 3.3 V
S1 = S0 = 0
1.5
mA
Short Circuit Current
CLK output
±70
mA
On-Chip Pull-up Resistor
Pin 6
270
k
Ω
Input Capacitance, S1, S0
Pins 6, 7
4
pF
AC CHARACTERISTICS (VDD = 5.0 V unless otherwise noted)
Input Frequency, crystal input
5
14.31818
27
MHz
Input Frequency, clock input
2
14.31818
50
MHz
Output Frequency
VDD = 4.5 to 5.5 V
14
66.66
140
MHz
Output Frequency
VDD = 3.0 to 3.6 V
14
66.66
100
MHz
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
1.5V, up to 140 MHz
45
49 to 51
55
%
Power up time, from PD to outputs stable
5
10
ms
Power down time, from running to PD state
50
ns
Absolute Clock Period Jitter
Deviation from mean
±110
ps
One Sigma Clock Period Jitter
40
ps
Electrical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com