Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7013XP-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 3Page - STMicroelectronics VNH7013XP-E Datasheet HTML 4Page - STMicroelectronics VNH7013XP-E Datasheet HTML 5Page - STMicroelectronics VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics VNH7013XP-E Datasheet HTML 10Page - STMicroelectronics VNH7013XP-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VNH7013XP-E
Electrical specifications
Doc ID 022370 Rev 3
7/24
2
Electrical specifications
2.1
Absolute maximum rating
Figure 3.
Single pulse maximum current
Table 3.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
Supply voltage (whole bridge switched off)
72
V
Imax
Maximum output current (continuous)
40
A
VGS_max
Maximum gate source voltage
18
V
IPulse_max
Maximum Single Pulse output current
80(1)
1.
Pulse duration = 20 ms (see
Figure 3).
A
Tj
Junction operating temperature
175
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
IS
Diode continuous forward current
40
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com