Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH7013XP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH7013XP-E Datasheet HTML 1Page - STMicroelectronics VNH7013XP-E Datasheet HTML 2Page - STMicroelectronics VNH7013XP-E Datasheet HTML 3Page - STMicroelectronics VNH7013XP-E Datasheet HTML 4Page - STMicroelectronics VNH7013XP-E Datasheet HTML 5Page - STMicroelectronics VNH7013XP-E Datasheet HTML 6Page - STMicroelectronics VNH7013XP-E Datasheet HTML 7Page - STMicroelectronics VNH7013XP-E Datasheet HTML 8Page - STMicroelectronics VNH7013XP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 2012
Doc ID 022370 Rev 3
1/24
1
VNH7013XP-E
Automotive integrated H-bridge
Features
■ Maximum VCC voltage: 72 V
■ 10 V compatible inputs
■ RDS(on) per leg: 13 mΩ typical
■ Embedded thermal sensor: -8.1 mV/°K
■ Very low stray inductance in power line
Description
The VNH7013XP-E is an automotive integrated
H-bridge intended for a wide range of automotive
applications driving DC motors. The device
incorporates a dual channel and two single
channel MOSFETs. All the devices are designed
using STMicroelectronics® well known and
proven proprietary VIPower® M0-S7 technology
that allows to integrate in a package four different
channels in H-bridge topology.
This package, specifically designed for the harsh
automotive environment offers improved thermal
performance thanks to exposed die pads.
Moreover, its fully symmetrical mechanical design
allows superior manufacturability at board level.
Type
RDS(on)
Iout
Vccmax
VNH7013XP-E
13 m
Ω typ
(per leg)
40 A
72 V(1)
1.
Per leg: sum of the two BVdss (HSD + LSD);
VCC > 36 V whole bridge must be switched off;
PowerSSO-36 TP
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-36 TP
VNH7013XP-E
VNH7013XPTR-E
www.st.com


Similar Part No. - VNH7013XP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH7013XP-E STMICROELECTRONICS-VNH7013XP-E Datasheet
768Kb / 24P
Automotive integrated H-bridge
20-Jan-2012
More results

Similar Description - VNH7013XP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH7013XP-E STMICROELECTRONICS-VNH7013XP-E Datasheet
768Kb / 24P
Automotive integrated H-bridge
20-Jan-2012
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
VNH9013Y STMICROELECTRONICS-VNH9013Y Datasheet
920Kb / 23P
Automotive integrated H-bridge
17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com