Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS541 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS541
Description  PRELIMINARY INFORMATION PLL Clock Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS541 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS541 Datasheet HTML 1Page - Integrated Circuit Systems ICS541 Datasheet HTML 2Page - Integrated Circuit Systems ICS541 Datasheet HTML 3Page - Integrated Circuit Systems ICS541 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS541
PLL Clock Divider
MDS 541 B
1
Revision 082500
Printed 11/14/00
Integrated Circuit Systems, Inc. •525 Race Street• San Jose•CA• 95126• (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
• Packaged in 8 pin SOIC
• Low cost clock divider
• Low skew (500ps) outputs. One is ÷ 2 of other.
• Easy to use with other generators and buffers
• Input clock frequency up to 135 MHz at 3.3 V
• Input clock frequency up to 156 MHz at 5.0 V
• Tolerant of poor input clock duty cycle, jitter.
• Output clock duty cycle of 45/55
• Power Down turns off chip
• Output Enable
• Full CMOS clock swings with 25mA drive
capability at TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V
The ICS541 is a cost effective way to produce a
high quality clock output divided from a clock
input. The chip accepts a clock input up to
135 MHz at 3.3 V, and by using proprietary Phase
Locked Loop (PLL) techniques, produces a divide
by 1, 2, 4, or 8 of the input clock. There are two
outputs on the chip, one being a low-skew divide
by two of the other. So, for instance, if an 80 MHz
input clock is used, the ICS541 can produce low
skew 80 MHz and 40 MHz clocks, or 40 MHz
and 20 MHz clocks, or 20 MHz and 10MHz
clocks. The chip has an all-chip power down mode
that stops the outputs low, and an OE pin that tri-
states the outputs.
The ICS541 is a member of the ICS
ClockBlocks™ family of clock building blocks.
See the ICS542 and ICS543 for other clock
dividers, and the ICS300, 501, 502, and 503 for
clock multipliers.
Block Diagram
Description
Features
PLL,
Divider and
Selection
Circuitry
VDD GND
CLK
Output
Buffer
Output
Buffer
S1, S0
2
÷2
Input Clock
OE (both outputs)
CLK/2


Similar Part No. - ICS541

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542M ICST-ICS542M Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
More results

Similar Description - ICS541

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS543 ICST-ICS543 Datasheet
60Kb / 4P
PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
Revision 010599
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com