Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS541M Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS541M
Description  PRELIMINARY INFORMATION PLL Clock Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS541M Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS541M Datasheet HTML 1Page - Integrated Circuit Systems ICS541M Datasheet HTML 2Page - Integrated Circuit Systems ICS541M Datasheet HTML 3Page - Integrated Circuit Systems ICS541M Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS541
PLL Clock Divider
MDS 541 B
3
Revision 082500
Printed 11/14/00
Integrated Circuit Systems, Inc. •525 Race Street• San Jose•CA• 95126• (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
ABSOLUTE MAXIMUM RATINGS (stresses beyond these can permanently damage the device)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Output
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
C
Soldering Temperature
Max of 10 seconds
260
C
Storage temperature
-65
150
C
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
DC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, ICLK only, Note 1
ICLK (Pin 1)
(VDD/2)+1
V
Input Low Voltage, VIL, ICLK only, Note 1
ICLK (Pin 1)
(VDD/2)-1
V
Input High Voltage, VIH
S0, S1, OE
2
V
Input Low Voltage, VIL
S0, S1, OE
0.8
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-4mA
VDD-0.4
V
IDD Operating Supply Current, 80 in, 40+20 out No Load, 5.0V
15
mA
IDD Operating Supply Current, 40 in, 40+20 out No Load, 3.3V
8
mA
Short Circuit Current
Each Output
±70
mA
Input Capacitance, S1, S0, OE
Pins 4, 5, 6
4
pF
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
AC CHARACTERISTICS (VDD = 5.0V unless otherwise noted)
Input Frequency, clock input
at VDD = 5V
4
156
MHz
Input Frequency, clock input
at VDD = 3.3V
4
135
MHz
Skew of output clocks
rising edges at VDD/2
500
ps
Output Clock Rise Time
0.8 to 2.0V
1
ns
Output Clock Fall Time
2.0 to 0.8V
1
ns
Output Clock Duty Cycle
at VDD/2
45
49 to 51
55
%
Note 1: CMOS level input; nominal trip point is VDD/2.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com