Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS541M Datasheet (PDF) - Integrated Circuit Systems

ICS541M Datasheet PDF - Integrated Circuit Systems
Part # ICS541M
Download  ICS541M Download
File Size   59.89 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PRELIMINARY INFORMATION PLL Clock Divider

ICS541M Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS541M Datasheet PDF - Integrated Circuit Systems

Part # ICS541M
Download  ICS541M Click to download

File Size   59.89 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description PRELIMINARY INFORMATION PLL Clock Divider

ICS541M Datasheet (HTML) - Integrated Circuit Systems


ICS541M Product details

The ICS541 is a cost effective way to produce a high quality clock output divided from a clock input. The chip accepts a clock input up to 135 MHz at 3.3 V, and by using proprietary Phase Locked Loop (PLL) techniques, produces a divide by 1, 2, 4, or 8 of the input clock. There are two outputs on the chip, one being a low-skew divide by two of the other. So, for instance, if an 80 MHz input clock is used, the ICS541 can produce low skew 80 MHz and 40 MHz clocks, or 40 MHz and 20 MHz clocks, or 20 MHz and 10MHz clocks. The chip has an all-chip power down mode that stops the outputs low, and an OE pin that tristates the outputs.
The ICS541 is a member of the ICS ClockBlocks™ family of clock building blocks. See the ICS542 and ICS543 for other clock dividers, and the ICS300, 501, 502, and 503 for clock multipliers. Description

Features
• Packaged in 8 pin SOIC
• Low cost clock divider
• Low skew (500ps) outputs. One is ÷ 2 of other.
• Easy to use with other generators and buffers
• Input clock frequency up to 135 MHz at 3.3 V
• Input clock frequency up to 156 MHz at 5.0 V
• Tolerant of poor input clock duty cycle, jitter.
• Output clock duty cycle of 45/55
• Power Down turns off chip
• Output Enable
• Full CMOS clock swings with 25mA drive capability at TTL levels
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V




Similar Part No. - ICS541M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542M ICST-ICS542M Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
More results


Similar Description - ICS541M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS543 ICST-ICS543 Datasheet
60Kb / 4P
PRELIMINARY INFORMATION Clock Divider and 2X Multiplier
Revision 010599
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
List of Unclassifed Man...
OV8610 ETC1-OV8610 Datasheet
161Kb / 28P
Advanced Information Preliminary
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
IXYS Corporation
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com