Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS542 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS542
Description  Clock Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS542 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS542 Datasheet HTML 1Page - Integrated Circuit Systems ICS542 Datasheet HTML 2Page - Integrated Circuit Systems ICS542 Datasheet HTML 3Page - Integrated Circuit Systems ICS542 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ICS542
Clock Divider
MDS 542 B
4
Revision 050400
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, ICS/MicroClock assumes no responsibility for either its use or for the infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by ICS/MicroClock. ICS/MicroClock reserves the right to change any circuitry or specifications without notice. ICS/MicroClock
does not authorize or warrant any ICS/MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Ordering Information
ClockBlocks is a trademark of ICS
Part/Order Number
Marking
Package
Temperature
ICS542M
ICS542M
8 pin SOIC
0 to 70 °C
ICS542MT
ICS542M
8 pin SOIC on tape and reel
0 to 70 °C
8 pin SOIC
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.1890
0.1968
4.80
5.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA
1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com