Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS542 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS542
Description  Clock Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS542 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS542 Datasheet HTML 1Page - Integrated Circuit Systems ICS542 Datasheet HTML 2Page - Integrated Circuit Systems ICS542 Datasheet HTML 3Page - Integrated Circuit Systems ICS542 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS542
Clock Divider
MDS 542 B
1
Revision 050400
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
• Packaged as 8 pin SOIC
• ICS’ lowest cost clock divider
• Low skew (500ps) outputs. One is ÷ 2 of other.
• Easy to use with other generators and buffers
• Input clock frequency up to 156 MHz
• Output clock duty cycle of 45/55
• Power Down turns off chip
• Output Enable
• Advanced, low power CMOS process
• Operating voltages of 3.0 to 5.5 V
The ICS542 is a cost effective way to produce a
high quality clock output divided from a clock
input. The chip accepts a clock input up to
156 MHz, and produces a divide by 2, 4, 6, 8, 12,
or 16 of the input clock. There are two outputs on
the chip, one being a low-skew divide by two of
the other. So, for instance, if a 100 MHz clock is
used, the ICS542 can produce low skew 50 MHz
and 25 MHz clocks, or low skew 25 MHz and
12.5 MHz clocks. The chip has an all-chip power
down mode that stops the outputs low, and an OE
pin that tri-states the outputs.
The ICS542 is a member of the ICS
ClockBlocks™ family of clock building blocks.
See the ICS541 and ICS543 for other clock
dividers, and the ICS501, 502, 511, 512 and 525
for clock multipliers.
Block Diagram
Description
Features
Divider and
Selection
Circuitry
VDD GND
CLK
Output
Buffer
Output
Buffer
S1, S0
2
÷2
Input Clock
OE (both outputs)
CLK/2


Similar Part No. - ICS542

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
CLOCK DIVIDER
More results

Similar Description - ICS542

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
Clock Divider
Revision 041505
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
CLOCK DIVIDER
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
1.8V LVPECL Clock Divider
0 Mar 2020
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
CLOCK DIVIDER
051810
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com